Part Name
         Description
DTC123JUA

 SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN) ( 3 Page)


RECTRON
100% 
Zoom Out Zoom In
   
 1 page
background image
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.
* Only the on/off conditions need to be set for operation mark-
ing device design easy.
* The bias resistors consist of thin-film resistors with co-
mplete isolation to allow negative biasing of the input.
They also have the advantage of almost completely eli-
minating parasitic effects.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.006 gram
SOT-323
DTC123JUA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
SOT-323 DIGITAL TRANSISTOR
TRANSISTORS(NPN)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Resistance ratio
DC current gain (VO= 5V,IO= 10mA)
Input current (VI= 5V)
Input resistance
Transition frequency (VO= 10V,IO= -5mA, f= 100MHz)
NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
CHARACTERISTICS
SYMBOL
UNITS
0.5
-
0.3
0.5
-
mA
m
A
-
-
V
V
MHz
Input voltage (VCC= 5V, IO= 100mA)
Input voltage (VO= 0.3V, IO= 5mA)
Output current (VCC= 50V,VI= 0)
Output voltage (IO / II= 5mA / -0.25mA)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Supply voltage
Input voltage
Output current
Power dissipation
SYMBOL
Tj
Tstg
Pd
VCC
VIN
IO
VI(off)
VI(on)
Vo(on)
Io(off)
GI
R1
R2 / R1
II
fT
LIMITS
MAX
-
-
0.1
-
-
21
TYP
-
1.1
-
-
80
MIN
UNITS
150
50
-5~12
mA
V
V
100
Storage temperature
Junction temperature
IC(MAX)
mW
100
200
-55 ~150
oC
oC
(2)
(1)
(3)
(1) IN
(2) GND
(3) OUT
-
-
3.6
1.54
17
26
2.2
2.86
-
250
-
KW
0.087(2.20)
0.008(0.20)
0.016(0.40)
0.003(0.08)
0.006(0.15)
0.079(2.00)
0.055(1.40)
0.047(1.20)
0.096(2.45)
0.085(2.15)
REF 0.021(0.53)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.053(1.35)
0.045(1.15)
1
2
3



Html Pages

1  2  3 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl