Part Name
         Description
QS5U26

 2.5V Drive Pch+SBD MOSFET ( 5 Page)


ROHM
100% 
Zoom Out Zoom In
   
 2 page
background image
QS5U26
Transistor
Rev.B
2/4
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗3
∗2
Parameter
V
VDSS
Symbol
−20
V
VGSS
±12
A
ID
±1.5
A
IDP
±6.0
A
IS
−0.75
A
ISP
−3.0
W / ELEMENT
PD
0.9
V
VRM
30
V
VR
20
A
IF
0.5
A
IFSM
2.0
°C
Tj
150
W / TOTAL
PD
1.25
°C
Tstg
−55 to 150
Limits
Unit
Parameter
Symbol
Limits
Unit
Parameter
Symbol
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1% ∗2 60Hz 1cyc. ∗3 Mounted on a ceramic board.
Drain-source voltage
Gate-source voltage
Drain current
Source current
(Body diode)
Channel temperature
Repetitive peak reverse voltage
Reverse voltage
Forward current
Forward current surge peak
Junction temperature
Total power dissipatino
Range of strage temperature
Continuous
Pulsed
Continuous
Pulsed
°C
Tch
150
Power Dissipation
∗3
W / ELEMENT
PD
0.7
Power Dissipation
∗3
<MOSFET>
<Di>
<MOSFET AND Di>
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
−−
±10
µAVGS=±12V, VDS=0V
VDD
−15V
VDD
−15V
Typ.
Max.
Unit
Conditions
Gate-source leakage
V(BR) DSS
−20
−−
VID=
−1mA, VGS=0V
Drain-source breakdown voltage
IDSS
−−
−1
µAVDS=−20V, VGS=0V
Zero gate voltage drain current
VGS (th)
−0.7
−−2.0
V
VDS=
−10V, ID=−1mA
Gate threshold voltage
160
200
m
Ω ID=−1.5A, VGS=−4.5V
Static drain-source on-starte
resistance
RDS (on)
180
240
m
Ω ID=−1.5A, VGS=−4V
Forward transfer admittance
260
340
m
Ω ID=−0.75A, VGS=−2.5V
Input capacitance
1.0
−−
SVDS=
−10V, ID=−0.75A
Output capacitance
Ciss
325
pF
VDS=
−10V
Reverse transfer capacitance
Coss
60
40
pF
VGS=0V
Turn-on delay time
Crss
10
pF
f=1MHz
Rise time
td (on)
10
ns
ID=
−0.75A
Turn-off delay time
tr
35
ns
Fall time
td (off)
10
ns
VGS=
−4.5V
Total gate charge
tf
4.2
ns
RL=20
Gate-source charge
Qg
1.0
nC
RG=10
Gate-drain charge
Qgs
1.1
nC
VGS=
−4.5V
Qgd
−−
nC
ID=
−1.5A
∗ Pulsed
<MOSFET>
Forward voltage
VSD
−−
−1.2
V
IS=
−0.75A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
<Body diode (source−drain)>
Forward voltage
VF
−−
0.36
V
IF=0.1A
−−
0.47
V
IF=0.5A
IR
−−
100
µAVR=20V
Reverse current
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
<Di>



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl