Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS5U12 Datasheet(PDF) 1 Page - Rohm

Part # QS5U12
Description  2.5V Drive NchSBD MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS5U12 Datasheet(HTML) 1 Page - Rohm

  QS5U12 Datasheet HTML 1Page - Rohm QS5U12 Datasheet HTML 2Page - Rohm QS5U12 Datasheet HTML 3Page - Rohm QS5U12 Datasheet HTML 4Page - Rohm QS5U12 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QS5U12
Transistors
Rev.B
1/4
2.5V Drive Nch+SBD MOS FET
QS5U12
Structure
Silicon N-channel MOSFET
Schottky Barrier DIODE
Features
1) The QS5U12 combines Nch MOSFET with a
Schottky barrier diode in a single TSMT5 package.
2) Low on-state resistance with fast switching.
3) Low voltage drive (2.5V).
4) The Independently connected Schottky barrier diode
has low forward voltage.
Applications
Load switch, DC / DC conversion
External dimensions (Unit : mm)
Each lead has same dimensions
TSMT5
0~0.1
0.16
0.85
1.0MAX
0.7
(1)
(3)
(2)
(4)
(5)
0.4
1.9
2.9
0.95
0.95
Abbreviated symbol : U12
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
QS5U12
TR
3000
Type
Equivalent circuit
(1) Anode
(2) Source
(3) Gate
(4) Drain
(5) Cathode
∗2
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗1
(1)
(2)
(3)
(5)
(4)


Similar Part No. - QS5U12

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U12 ROHM-QS5U12 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
More results

Similar Description - QS5U12

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U16 ROHM-QS5U16_06 Datasheet
90Kb / 5P
   2.5V Drive NchSBD MOS FET
QS5U13 ROHM-QS5U13_06 Datasheet
90Kb / 5P
   2.5V Drive NchSBD MOS FET
US5U1 ROHM-US5U1 Datasheet
62Kb / 3P
   2.5V Drive NchSBD MOS FET
QS5U17 ROHM-QS5U17_1 Datasheet
89Kb / 5P
   2.5V Drive NchSBD MOS FET
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
EM6K1 ROHM-EM6K1_1 Datasheet
75Kb / 4P
   2.5V Drive NchNch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com