Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR803G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # FR803G
Description  8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR803G Datasheet(HTML) 1 Page - Won-Top Electronics

  FR803G Datasheet HTML 1Page - Won-Top Electronics FR803G Datasheet HTML 2Page - Won-Top Electronics FR803G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR801G – FR807G
1 of 3
© 2002 Won-Top Electronics
FR801G – FR807G
8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Features
!
Glass Passivated Die Construction
B
!
Fast Switching
!
High Current Capability
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
D
Mechanical Data
F
E
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
L
!
Mounting Position: Any
H
!
Marking: Type Number
PIN 1 +
+
J
PIN 2 -
Case
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
FR
801G
FR
802G
FR
803G
FR
804G
FR
805G
FR
806G
FR
807G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 8.0A
VFM
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 1)
trr
150
250
500
nS
Typical Junction Capacitance (Note 2)
Cj
100
pF
Typical Thermal Resistance Junction to Case
RJC
3.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WT E
PO W E R SEM IC O ND UC TO R S
TO-220A
Dim
Min
Max
A
14.9
15.1
B
10.5
C
2.62
2.87
D
3.56
4.06
E
13.46
14.22
F
0.68
0.94
G
3.74 Ø
3.91 Ø
H
5.84
6.86
I
4.44
4.70
J
2.54
2.79
K
0.35
0.64
L
1.14
1.40
P
4.95
5.20
All Dimensions in mm


Similar Part No. - FR803G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR803G ETC-FR803G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR803G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ER81 ZSELEC-ER81 Datasheet
155Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SF81 ZSELEC-SF81 Datasheet
136Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Diodes Incorporated
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
STPR805DB DIODES-STPR805DB Datasheet
64Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14007 Rev. C-2
logo
Won-Top Electronics
ER800F WTE-ER800F Datasheet
48Kb / 3P
   8.0A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Luguang Electr...
FR801 LUGUANG-FR801 Datasheet
161Kb / 2P
   8.0A Fast Recovery Rectifier
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com