Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C33BSB Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BZX55C33BSB
Description  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX55C33BSB Datasheet(HTML) 3 Page - Rectron Semiconductor

  BZX55C33BSB Datasheet HTML 1Page - Rectron Semiconductor BZX55C33BSB Datasheet HTML 2Page - Rectron Semiconductor BZX55C33BSB Datasheet HTML 3Page - Rectron Semiconductor BZX55C33BSB Datasheet HTML 4Page - Rectron Semiconductor BZX55C33BSB Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
MAX
MAX
MIN
( V )
VR
( mA )
IZT
( uA )
IR @TA =25OC
TYPE
MARKING
9.0
0.2
11.13
11.13
12.30
11.63
5.0
25
BZX55C 12BS
BZX55C 12BSA
11.50
11.92
BZX55C 12BSB
11.80
12.30
BZX55C 12BSC
10
0.2
12.18
12.18
13.62
12.71
5.0
26
BZX55C 13BS
BZX55C 13BSA
12.59
13.16
BZX55C 13BSB
13.03
13.62
BZX55C 13BSC
11
0.2
13.48
13.48
15.02
14.09
5.0
30
BZX55C 15BS
BZX55C 15BSA
13.95
14.56
BZX55C 15BSB
14.42
15.02
BZX55C 15BSC
12
0.2
14.87
14.87
16.50
15.50
5.0
40
BZX55C 16BS
BZX55C 16BSA
15.33
15.96
BZX55C 16BSB
15.79
16.50
BZX55C 16BSC
13
0.2
16.34
16.34
18.30
17.06
5.0
50
BZX55C 18BS
BZX55C 18BSA
16.90
17.67
BZX55C 18BSB
17.51
18.30
BZX55C 18BSC
15
0.2
18.14
18.14
20.45
18.96
5.0
55
BZX55C 20BS
BZX55C 20BSA
18.80
19.68
BZX55C 20BSB
19.52
20.45
BZX55C 20BSC
17
0.2
20.23
20.23
22.61
21.08
5.0
55
BZX55C 22BS
BZX55C 22BSA
20.76
21.65
BZX55C 22BSB
21.22
22.09
BZX55C 22BSC
21.68
22.61
BZX55C 22BSD
19
0.2
22.26
22.26
24.81
23.12
5.0
80
BZX55C 24BS
BZX55C 24BSA
22.75
23.73
BZX55C 24BSB
23.29
24.72
BZX55C 24BSC
23.81
24.81
BZX55C 24BSD
21
0.2
24.26
24.26
27.64
25.52
5.0
80
BZX55C 27BS
BZX55C 27BSA
24.97
26.26
BZX55C 27BSB
25.63
26.95
BZX55C 27BSC
26.29
27.64
12V
12VA
12VB
12VC
13V
13VA
13VB
13VC
15V
15VA
15VB
15VC
16V
16VA
16VB
16VC
18V
18VA
18VB
18VC
20V
20VA
20VB
20VB
22VV
22VA
22VB
22VC
22VD
24V
24VA
24VB
24VC
24VD
27V
27VA
27VB
27VC
27VD
BZX55C 27BSD
MAX
(NOTE)
( V )
(NOTE)
VZT @IZT
( W )
RZT @IZT


Similar Part No. - BZX55C33BSB

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BZX55C33 KEXIN-BZX55C33 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C33 VISHAY-BZX55C33 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C33 CHENDA-BZX55C33 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Vishay Siliconix
BZX55C33 VISHAY-BZX55C33 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Shenzhen Luguang Electr...
BZX55C33 LUGUANG-BZX55C33 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C33BSB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com