Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C27BSC Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BZX55C27BSC
Description  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX55C27BSC Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZX55C27BSC Datasheet HTML 1Page - Rectron Semiconductor BZX55C27BSC Datasheet HTML 2Page - Rectron Semiconductor BZX55C27BSC Datasheet HTML 3Page - Rectron Semiconductor BZX55C27BSC Datasheet HTML 4Page - Rectron Semiconductor BZX55C27BSC Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
BZX55C-BS
SERIES
4.7V to 36V
THERMAL RESISTANCE ( @ TA = 25oC unless otherwise noted )
ABSOLUTE MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
DESCRIPTION
SYMBOL
UNITS
oC/W
Thermal Resistance Junction to Ambient (Note 1)
RATINGS
Surge Power Dissipation Pulse Width =10 mS
Junction Temperature
Storage Temperature
SYMBOL
PS
TJ
TSTG
R qJA
VALUE
300
TYP.
UNITS
W
5.0
Power Dissipation (Note 1)
PTA
mW
500
175
-65 to +175
oC
oC
VD 2007-11
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Forward Voltage at IF= 100mA
Notes: 1. On infinite heatsink with 4mm lead length.
2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
CHARACTERISTICS
SYMBOL
UNITS
Volts
VF
1.0
TYP.
SILICON PLANAR ZENER DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
* Zener Voltage Range 4.7 to 36 Volts
* DO-35 Glass Axial Package
* Best Suited For Industrial, Military and Space Applications.
* The Glass Passivated Diode Chip in The Hermetically Sealed
Glass Package with Double Studs Provides Excellent Stability
and Reliability.
Dimensions in inches and (millimeters)
.200 (5.08)
.120 (3.05)
1.50 (38.1)
1.00 (25.4)
.089 (2.28)
.060 (1.53)
DIA.
.022 (0.55)
.007 (0.46)
DIA.
DO-35
1.50 (38.1)
1.00 (25.4)


Similar Part No. - BZX55C27BSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C27 VISHAY-BZX55C27 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Guangdong Kexin Industr...
BZX55C27 KEXIN-BZX55C27 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C27 VISHAY-BZX55C27 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Microdiode Electronics ...
BZX55C27 CHENDA-BZX55C27 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Shenzhen Luguang Electr...
BZX55C27 LUGUANG-BZX55C27 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C27BSC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com