Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC113ZUA Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DTC113ZUA
Description  SOT-323 DIGITAL TRANSISTORS TRANSISTORS(NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC113ZUA Datasheet(HTML) 3 Page - Rectron Semiconductor

  DTC113ZUA Datasheet HTML 1Page - Rectron Semiconductor DTC113ZUA Datasheet HTML 2Page - Rectron Semiconductor DTC113ZUA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rectron Inc reserves the right to make changes without notice to any product
specification herein, to make corrections, modifications, enhancements or other
changes. Rectron Inc or anyone on its behalf assumes no responsibility or liabi-
lity for any errors or inaccuracies. Data sheet specifications and its information
contained are intended to provide a product description only. "Typical" paramet-
ers which may be included on RECTRON data sheets and/ or specifications ca-
n and do vary in different applications and actual performance may vary over ti-
me. Rectron Inc does not assume any liability arising out of the application or
use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical,
life-saving implant or other applications intended for life-sustaining or other rela-
ted applications where a failure or malfunction of component or circuitry may di-
rectly or indirectly cause injury or threaten a life without expressed written appr-
oval of Rectron Inc. Customers using or selling Rectron components for use in
such applications do so at their own risk and shall agree to fully indemnify Rect-
ron Inc and its subsidiaries harmless against all claims, damages and expendit-
ures.
DISCLAIMER NOTICE


Similar Part No. - DTC113ZUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC113ZUA ROHM-DTC113ZUA Datasheet
53Kb / 4P
   Digital transistors (built-in resistors)
logo
Rectron Semiconductor
DTC113ZUA RECTRON-DTC113ZUA Datasheet
1,021Kb / 16P
   DIGITAL TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
DTC113ZUA JIANGSU-DTC113ZUA Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC113ZUA SECOS-DTC113ZUA Datasheet
222Kb / 2P
   Digital Transistors NPN (Built-in Resistors)
logo
Rohm
DTC113ZUA ROHM-DTC113ZUA Datasheet
144Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC113ZUA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC144TUA RECTRON-DTC144TUA Datasheet
433Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS (NPN)
DTC114YUA RECTRON-DTC114YUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123YUA RECTRON-DTC123YUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143XUA RECTRON-DTC143XUA Datasheet
367Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC143ZUA RECTRON-DTC143ZUA Datasheet
367Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC123JUA RECTRON-DTC123JUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114TUA RECTRON-DTC114TUA Datasheet
361Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114WUA RECTRON-DTC114WUA Datasheet
352Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143EUA RECTRON-DTC143EUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114EUA RECTRON-DTC114EUA Datasheet
456Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com