Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C22BS Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # BZV55C22BS
Description  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZV55C22BS Datasheet(HTML) 4 Page - Rectron Semiconductor

  BZV55C22BS Datasheet HTML 1Page - Rectron Semiconductor BZV55C22BS Datasheet HTML 2Page - Rectron Semiconductor BZV55C22BS Datasheet HTML 3Page - Rectron Semiconductor BZV55C22BS Datasheet HTML 4Page - Rectron Semiconductor BZV55C22BS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
MAX
MAX
MAX
MIN
( V )
VZT @IZT
( V )
VF @ 100mA
( V )
VR
( W )
RZT @IZT
( mA )
IZT
( uA )
IR @TA =25OC
TYPE
1.0
23
0.2
26.99
26.99
30.51
28.39
5.0
80
BZV55C 30BS
BZV55C 30BSA
27.70
29.13
BZV55C 30BSB
28.36
29.82
BZV55C 30BSC
29.02
30.51
BZV55C 30BSD
1.0
25
0.2
29.68
29.68
33.11
31.22
5.0
80
BZV55C 33BS
BZV55C 33BSA
30.32
31.88
BZV55C 33BSB
30.90
32.50
BZV55C 33BSC
31.49
33.11
BZV55C 33BSD
1.0
27
0.2
32.14
32.14
35.77
33.79
5.0
80
BZV55C 36BS
BZV55C 36BSA
32.79
34.49
BZV55C 36BSB
33.40
35.13
BZV55C 36BSC
34.01
35.77
BZV55C 36BSD
NOTES: 1. Pulse Condition : 20mS < tp < 50mS, Duty Cycle < 2%.
2. "Fully RoHS Compliant", "100% Sn Plating (Pb-free)".


Similar Part No. - BZV55C22BS

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C22 CDI-DIODE-BZV55C22 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Kingtronics Internation...
BZV55C22 KINGTRONICS-BZV55C22 Datasheet
432Kb / 3P
   BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C22 CENTRAL-BZV55C22 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Microsemi Corporation
BZV55C22 MICROSEMI-BZV55C22 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
EIC discrete Semiconduc...
BZV55C22 EIC-BZV55C22 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C22BS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com