Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZM55C22BSB Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # BZM55C22BSB
Description  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZM55C22BSB Datasheet(HTML) 4 Page - Rectron Semiconductor

  BZM55C22BSB Datasheet HTML 1Page - Rectron Semiconductor BZM55C22BSB Datasheet HTML 2Page - Rectron Semiconductor BZM55C22BSB Datasheet HTML 3Page - Rectron Semiconductor BZM55C22BSB Datasheet HTML 4Page - Rectron Semiconductor BZM55C22BSB Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
MAX
MAX
(Note)
MAX
MIN
( V )
(Note)
VZT @IZT
( V )
VF @ 100mA
( V )
VR
( W )
RZT @IZT
( mA )
IZT
( uA )
IR @TA =25OC
TYPE
1.0
23
0.2
26.99
26.99
30.51
28.39
5.0
80
BZM55C 30BS
BZM55C 30BSA
27.70
29.13
BZM55C 30BSB
28.36
29.82
BZM55C 30BSC
29.02
30.51
BZM55C 30BSD
1.0
25
0.2
29.68
29.68
33.11
31.22
5.0
80
BZM55C 33BS
BZM55C 33BSA
30.32
31.88
BZM55C 33BSB
30.90
32.50
BZM55C 33BSC
31.49
33.11
BZM55C 33BSD
1.0
27
0.2
32.14
32.14
35.77
33.79
5.0
80
BZM55C 36BS
BZM55C 36BSA
32.79
34.49
BZM55C 36BSB
33.40
35.13
BZM55C 36BSC
34.01
35.77
BZM55C 36BSD
NOTE: Pulse Condition : 20mS < tp < 50mS, Duty Cycle < 2%.


Similar Part No. - BZM55C22BSB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C22 VISHAY-BZM55C22 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C22 CDIL-BZM55C22 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C22 WEITRON-BZM55C22 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C22 VISHAY-BZM55C22 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Rectron Semiconductor
BZM55C22 RECTRON-BZM55C22 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results

Similar Description - BZM55C22BSB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com