Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143TKA Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DTA143TKA
Description  SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTA143TKA Datasheet(HTML) 1 Page - Rectron Semiconductor

  DTA143TKA Datasheet HTML 1Page - Rectron Semiconductor DTA143TKA Datasheet HTML 2Page - Rectron Semiconductor DTA143TKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.(see equi-
valent circuit).
* Only the on/off conditions need to be set for operation mark-
ing device design easy.
* The bias resistors consist of thin-film resistors with co-
mplete isolation to allow negative biasing of the input.
They also have the advantage of almost completely El-
iminating parasitic effects.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.009 gram
SOT-23-3L
DTA143TKA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
TECHNICAL SPECIFICATION
SOT-23-3L DIGITAL TRANSISTORS
TRANSISTORS(PNP)
(2)
(1)
(3)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Emitter cut-off current (VEB= -4V)
DC current transfer ratio (VCE= -5V,IC= -1mA)
Collector cut-off current (VCB= -50V)
Collector-emitter saturation voltage (IC= -5mA,IB= -0.25mA)
Transistion frequency (VCE= -10V, IE= 5mA, f=100MHz)
Input resistor
NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-0.5
-0.3
m
A
m
A
V
V
V
V
-
MHz
Collector-base breakdown voltage (IC= -50mA)
Collector-emitter breakdown voltage (IC= -1mA)
Emitter-base breakdown voltage (IE= -50mA)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
SYMBOL
IC
V(BR)CBO
V(BR)CEO
V(BR)EBO
V(BR)CBO
V(BR)CEO
V(BR)EBO
IEBO
hFE
ICBO
VCE(sat)
fT
R1
VALUE
MAX.
-
-
-
-
-
4.7
TYP.
-50
-50
-5
-
-
MIN.
UNITS
-50
-50
-5
mA
V
V
V
-100
Collector power dissipation
Junction temperature
Storage temperature
PC
Tj
Tstg
mW
200
150
-55~150
oC
oC
-
-
-0.5
100
3.29
6.11
-
600
-
250
-
KW
(1)BASE
(2)EMITTER
(3)COLLECTOR
0.116(2.95)
f .028 (0.70)
.067 (1.70)
.059 (1.50)
.049(1.25)
R.002
(.05)
.041(1.05)
.004(0.10)
.000(0.00)
0.104(2.65)
(1)
(2)
(3)


Similar Part No. - DTA143TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143TKA ROHM-DTA143TKA Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Jiangsu Changjiang Elec...
DTA143TKA JIANGSU-DTA143TKA Datasheet
122Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143TKA ROHM-DTA143TKA Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TKA TGS-DTA143TKA Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
logo
Shenzhen Jin Yu Semicon...
DTA143TKA HTSEMI-DTA143TKA Datasheet
2Mb / 2P
   DIGITAL TRANSISTOR (PNP)
More results

Similar Description - DTA143TKA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTA123JKA RECTRON-DTA123JKA Datasheet
372Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114YKA RECTRON-DTA114YKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114TKA RECTRON-DTA114TKA Datasheet
297Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123YKA RECTRON-DTA123YKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA144EKA RECTRON-DTA144EKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143XKA RECTRON-DTA143XKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143EKA RECTRON-DTA143EKA Datasheet
303Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA124EKA RECTRON-DTA124EKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(PNP)
DTA114EKA RECTRON-DTA114EKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(PNP)
DTC144TKA RECTRON-DTC144TKA Datasheet
419Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS (NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com