Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EKA Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DTA124EKA
Description  SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTA124EKA Datasheet(HTML) 1 Page - Rectron Semiconductor

  DTA124EKA Datasheet HTML 1Page - Rectron Semiconductor DTA124EKA Datasheet HTML 2Page - Rectron Semiconductor DTA124EKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.(see equi-
valent circuit).
* Only the on/off conditions need to be set for operation, mark-
ing device design easy.
* The bias resistors consist of thin-film resistors with co-
mplete isolation to allow negative biasing of the input.
They also have the advantage of almost completely elimin-
ating parasitic effects.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.009 gram
SOT-23-3L
DTA124EKA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
TECHNICAL SPECIFICATION
SOT-23-3L DIGITAL TRANSISTOR
TRANSISTORS(PNP)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Resistance ratio
DC current gain (VO= -5V,IO= -5mA)
Input current (VI= -5V)
Input resistance
Transition frequency (VO= -10V,IO= -5mA, f= 100MHz)
CHARACTERISTICS
SYMBOL
UNITS
-0.5
-
-0.3
-0.5
-
mA
m
A
-
-
V
V
MHz
Input voltage (VCC= -5V, IO= -100mA)
Input voltage (VO= -0.2V, IO= -5mA)
Output current (VCC= -50V,VI= 0)
Output voltage (IO / II= -10mA / -0.5mA)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Supply voltage
Input voltage
Output current
Power dissipation
SYMBOL
Tj
Tstg
Pd
VCC
VIN
IO
VI(off)
VI(on)
Vo(on)
Io(off)
GI
R1
R2 / R1
II
fT
LIMITS
MAX
-
-
-
-
-
1
TYP
-
-3
-
-
56
MIN
UNITS
150
-50
-40~10
mA
V
V
-30
Storage temperature
Junction temperature
IC(MAX)
mW
-100
200
-55 ~150
oC
oC
(2)
(1)
(3)
-
-
-0.36
15.4
0.8
1.2
22
28.6
-
250
-
KW
(1) IN
(2) GND
(3) OUT
Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
0.116(2.95)
f .028 (0.70)
.067 (1.70)
.059 (1.50)
.049(1.25)
R.002
(.05)
.041(1.05)
.004(0.10)
.000(0.00)
0.104(2.65)
(1)
(2)
(3)


Similar Part No. - DTA124EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EKA ROHM-DTA124EKA Datasheet
79Kb / 2P
   Digital transistors (built-in resistors)
DTA124EKA ROHM-DTA124EKA Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Leshan Radio Company
DTA124EKA LRC-DTA124EKA Datasheet
79Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA124EKA ROHM-DTA124EKA Datasheet
279Kb / 11P
   Built-In Biasing Resistors, R1 = R2 = 22k??
DTA124EKA ROHM-DTA124EKA Datasheet
92Kb / 4P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA124EKA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTA114EKA RECTRON-DTA114EKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(PNP)
DTA123JKA RECTRON-DTA123JKA Datasheet
372Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114YKA RECTRON-DTA114YKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA114TKA RECTRON-DTA114TKA Datasheet
297Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123YKA RECTRON-DTA123YKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA144EKA RECTRON-DTA144EKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143XKA RECTRON-DTA143XKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143EKA RECTRON-DTA143EKA Datasheet
303Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143TKA RECTRON-DTA143TKA Datasheet
298Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTC144EKA RECTRON-DTC144EKA Datasheet
376Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com