Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C12BSB Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BZV55C12BSB
Description  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZV55C12BSB Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZV55C12BSB Datasheet HTML 1Page - Rectron Semiconductor BZV55C12BSB Datasheet HTML 2Page - Rectron Semiconductor BZV55C12BSB Datasheet HTML 3Page - Rectron Semiconductor BZV55C12BSB Datasheet HTML 4Page - Rectron Semiconductor BZV55C12BSB Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZV55C-BS
SERIES
4.7V to 36V
VD 2007-11
THERMAL RESISTANCE
10mm x 10mm x 0.6mm
K/mW
K/mW
0.38
Form Junction to Ambient when Mounted on a Ceramic Substrate of
From Junction to tie-point(flanges)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Average Forward Current (averaged Over any 20 ms period)
Repetitive Peak Forward Current
Total Power Dissipation up to Tflange=50OC
Up to Ta=50OC and Mounted on a Ceramic Substrate of 10mm x 10
Non-Reperitive Peak Reverse Power Dissipation t=100us,TJ=150OC
Storage Temperature
Junction Temperature
mm x 0.6mm
SYMBOL
IF(av)
IFRM
Ptot
Ptot
PZSM
Tstg
TJ
Rth(j-tp)
Rth(j-a)
VALUE
UNITS
250
mA
mW
mW
W
O
C
O
C
mA
250
500
400
30
-65 to +200
200
0.30
SILICON PLANAR ZENER DIODE
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
SOD-80C
.059(1.50)
.056(1.42)
R.004(0.10)
.146(3.70)
.130(3.30)
.057(1.45)
.053(1.35)
.112(0.30)
FEATURES
* Zener Voltage Range 4.7 to 36 Volts
* LL-34 (Mini-MELF) Package
* Hermetically Sealed, Glass Silicon Diodes


Similar Part No. - BZV55C12BSB

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C12 CDI-DIODE-BZV55C12 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Kingtronics Internation...
BZV55C12 KINGTRONICS-BZV55C12 Datasheet
432Kb / 3P
   BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C12 CENTRAL-BZV55C12 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Microsemi Corporation
BZV55C12 MICROSEMI-BZV55C12 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
EIC discrete Semiconduc...
BZV55C12 EIC-BZV55C12 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C12BSB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com