Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52B33S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BZT52B33S
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZT52B33S Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZT52B33S Datasheet HTML 1Page - Rectron Semiconductor BZT52B33S Datasheet HTML 2Page - Rectron Semiconductor BZT52B33S Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BZT52B4V3S-
BZT52B39S
2006-3
NOTES :
0.9
Volts
Amds
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Peak Forward Surge Current (1)
Max. Steady State Power Dissipation @TA=25oC (2)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
IFSM
PD
TJ
TSTG
Max. Instantaneous Forward Voltage at IF= 10mA
VF
VALUE
UNITS
2.0
mW
410
1. Measured on 8.3ms,single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
2. Mounted on 5.0mm2(0.13mm thick) land areas.
-55 to +150
-55 to +150
oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
FEATURES
* Planar Die Constrruction
* Ultra-Small Surface Mount Package
* Ideally Suited for Automated Assembly Processes
MECHANICAL DA TA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
.110(2.80)
.091(2.30)
.053(1.35)
.045(1.15)
.043(1.10)
.031(0.80)
.071(1.80)
.063(1.60)
SOD-323F


Similar Part No. - BZT52B33S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B33S TSC-BZT52B33S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B33S TSC-BZT52B33S Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
logo
Jiangsu Changjiang Elec...
BZT52B33S JIANGSU-BZT52B33S Datasheet
775Kb / 5P
   ZENER DIODE
logo
Diode Semiconductor Kor...
BZT52B33S DSK-BZT52B33S Datasheet
252Kb / 4P
   Surface mount zener diode
logo
Jiangsu High diode Semi...
BZT52B33S HDSEMI-BZT52B33S Datasheet
1Mb / 5P
   SOD323 Plastic-Encapsulate Diodes
More results

Similar Description - BZT52B33S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com