Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZM55C24 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BZM55C24
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZM55C24 Datasheet(HTML) 3 Page - Rectron Semiconductor

  BZM55C24 Datasheet HTML 1Page - Rectron Semiconductor BZM55C24 Datasheet HTML 2Page - Rectron Semiconductor BZM55C24 Datasheet HTML 3Page - Rectron Semiconductor BZM55C24 Datasheet HTML 4Page - Rectron Semiconductor BZM55C24 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VZ, ZENER VOLTAGE(V)
VZ, ZENER VOLTAGE(V)
TA, AMBIENT TEMPERATURE(
OC)
0
0
50
100
150
200
0
100
200
300
400
500
600
5
10
15
20
25
200
100
0
0
0
10
100
1000
5
15
10
20
25
RATING AND CHARACTERISTICS CURVES ( BZM55C2V4-BZM55C47 )
Figure3 Typical Change of Working Voltage under
Operating Conditions at TA=25OC
Figure1 Total Power Dissipation vs.
Ambient Temperature
Figure2 Diode Capacitance vs. Zener Voltage
Tj, JUNCTION TEMPERATURE (OC)
0.8
0.9
1.1
1.2
1.0
1.3
120
180
240
-60
0
60
Figure4 Typical Change of Working Voltage vs.
Junction Temperature
VZ, ZENER VOLTAGE(V)
0
-5
0
5
10
15
10
20
30
40
50
Figure5 Temperature Coefficient of VZ vs.
Zener Voltage
VF, FORWARD VOLTAGE (V)
0.001
0.01
0.1
1
10
100
0.6
0.8
1.0
0
0.2
0.4
Figure6 Forward Current vs. Forward Voltage
VR=2V
TJ=25OC
TJ=25OC
IZ=5mA
VZtn =VZt/VZ (25OC)
TKVZ =10 X 10-4/K
8 X 10-4/K
6 X 10-4/K
4 X 10-4/K
2 X 10-4/K
-2 X 10-4/K
-4 X 10-4/K
0
IZ=5mA


Similar Part No. - BZM55C24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C24 VISHAY-BZM55C24 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C24 CDIL-BZM55C24 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C24 WEITRON-BZM55C24 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C24 VISHAY-BZM55C24 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Weitron Technology
BZM55C24 WEITRON-BZM55C24 Datasheet
2Mb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZM55C24

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com