Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDB101 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BDB101
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BDB101 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BDB101 Datasheet HTML 1Page - Rectron Semiconductor BDB101 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Good for automation insertion
* Surge overload rating - 40 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BDB101
THRU
BDB107
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
1.0
40
UNITS
Maximum Average Forward Output Current at TA = 40
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
BDB101
BDB103 BDB104
BDB102
BDB105 BDB106 BDB107
50
200
400
100
600
800
1000
FEATURES
* Epoxy : UL flammability classification 94V-0
*
UL listed under the recognized component directory, file #E94233.
BDB
.240 (6.1)
.079 (2)
.300 (7.6)
.350 (8.9)
.232 (5.9)
.413 (10.5)
.398 (10.1)
.291 (7.4)
.307 (7.8)
(0.5)
.071 (1.8)
.031 (0.8)
.020
.094 (2.4)
.035 (0.9)
.135 (3.4)
.115 (2.9)
.295 (7.5)
.303 (7.7)
(8.0)
.315
MAX.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
2005-3
REV: A
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0 C
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Element at 1.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
5.0
Maximum Forward Voltage Drop per Bridge
BDB101
BDB103 BDB104
BDB102
BDB105 BDB106 BDB107
0 C/ W
R
θ JL
R
θ JA
65
Typical Thermal Resistance from junction to ambient
Typical Thermal Resistance from junction to case
Note: “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
10


Similar Part No. - BDB101

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
BDB-IOCP8-U CARLOGAVAZZI-BDB-IOCP8-U Datasheet
61Kb / 2P
   Smart Dupline Input/Output Module
BDB-IOCP8A-U CARLOGAVAZZI-BDB-IOCP8A-U Datasheet
61Kb / 2P
   Smart Dupline Input/Output Module
logo
Motorola, Inc
BDB01 MOTOROLA-BDB01 Datasheet
132Kb / 4P
   One Watt Amplifier Transistors
BDB01C MOTOROLA-BDB01C Datasheet
132Kb / 4P
   One Watt Amplifier Transistors
BDB01D MOTOROLA-BDB01D Datasheet
132Kb / 4P
   One Watt Amplifier Transistors
More results

Similar Description - BDB101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com