Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC144VKA Datasheet(PDF) 1 Page - Rohm

Part # DTC144VKA
Description  100mA / 50V Digital transistor (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144VKA Datasheet(HTML) 1 Page - Rohm

  DTC144VKA Datasheet HTML 1Page - Rohm DTC144VKA Datasheet HTML 2Page - Rohm DTC144VKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC144VUA / DTC144VKA
Transistors
Rev.B
1/2
100mA / 50V Digital transistor
(with built-in resistors)
DTC144VUA / DTC144VKA
Applications
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors.
2) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing of
the input, and parasitic effects are almost completely
eliminated.
3) Only the on / off conditions need to be set
for operation, making the device design easy.
4) Higher mounting densities can be achieved.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
Part No.
DTC144VUA
UMT3
Taping
T106
3000
DTC144VKA
SMT3
Taping
T146
3000
Package
Packaging type
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
Each lead has same dimensions
Abbreviated symbol : 166
Abbreviated symbol : E66
Each lead has same dimensions
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
DTC144VKA
DTC144VUA
EIAJ : SC-59
(3) OUT
(1) GND
(2) IN
(2) IN
(3) OUT
(1) GND
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
Equivalent circuit
OUT
GND
IN
R1
R2
OUT
IN
GND
R1=47k
Ω, R2=10kΩ


Similar Part No. - DTC144VKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144VKA ROHM-DTC144VKA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
DTC144VKAT146 ROHM-DTC144VKAT146 Datasheet
328Kb / 6P
   Only the on/off conditions need to be set for operation, making the circuit design easy.
More results

Similar Description - DTC144VKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA125TUA ROHM-DTA125TUA_09 Datasheet
141Kb / 3P
   -100mA / -50V Digital transistor (with built-in resistors)
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com