Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124GUA Datasheet(PDF) 1 Page - Rohm

Part # DTC124GUA
Description  100mA / 50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124GUA Datasheet(HTML) 1 Page - Rohm

  DTC124GUA Datasheet HTML 1Page - Rohm DTC124GUA Datasheet HTML 2Page - Rohm DTC124GUA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Abbreviated symbol : K25
Abbreviated symbol : K25
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTC124GKA
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTC124GUA
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
R
B
E : Emitter
C : Collector
B : Base
R=22k
Ω
E
C
100mA / 50V Digital transistors
(with built-in resistors)
DTC124GUA / DTC124GKA
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Features
1)The built-in bias resistors consist of thin-film resistors with complete
isolation to allow positive biasing of the input, and parasitic effects
are almost completely eliminated.
2)Only the on / off conditions need to be set for operation, making the
device design easy.
3)Higher mounting densities can be achieved.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
Part No.
Package
Packaging type
Taping
Taping
Code
Basic ordering unit (pieces)
UMT3
DTC124GUA
T106
3000
DTC124GKA
SMT3
T146
3000
Absolute maximum ratings (Ta=25
C)
Inner circuit
Limits
Parameter
Symbol
VCBO
50
50
200
150
−55 to +150
V
V
mW
°C
°C
VCEO
5
V
VEBO
100
mA
IC
PC
Tj
Tstg
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature


Similar Part No. - DTC124GUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124GUA ROHM-DTC124GUA Datasheet
77Kb / 3P
   Digital transistors (built-in resistor)
DTC124GUA ROHM-DTC124GUA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA Datasheet
95Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUAT106 ROHM-DTC124GUAT106 Datasheet
95Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC124GUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com