Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123EUA Datasheet(PDF) 1 Page - Rohm

Part # DTC123EUA
Description  100mA / 50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123EUA Datasheet(HTML) 1 Page - Rohm

  DTC123EUA Datasheet HTML 1Page - Rohm DTC123EUA Datasheet HTML 2Page - Rohm DTC123EUA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.B
100mA / 50V Digital transistors
(with built-in resistors)
DTC123EM / DTC123EE / DTC123EUA / DTC123EKA
Applications
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the
equivalent circuit).
2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely eliminating parasitic effects.
3) Only the on / off conditions need to be set for operation, making the device design easy.
Structure
NPN epitaxial planar silicon transistor (Resistor built-in type)
Dimensions (Unit : mm)
Abbreviated symbol : 22
Abbreviated symbol : 22
Abbreviated symbol : 22
Abbreviated symbol : 22
(1) IN
(2) GND
(3) OUT
ROHM : VMT3
DTC123EM
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
DTC123EE
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTC123EKA
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTC123EUA
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
Packaging specifications
Equivalent circuit
TL
UMT3
EMT3
SMT3
DTC123EE
DTC123EM
Type
DTC123EUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
DTC123EKA
Package
Packaging type
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)
R1
R2
IN
GND
OUT
IN
GND
OUT
R1=R2=2.2k


Similar Part No. - DTC123EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EUA ROHM-DTC123EUA Datasheet
85Kb / 4P
   Digital transistors (built-in resistors)
DTC123EUA ROHM-DTC123EUA Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123EUA ROHM-DTC123EUA Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC123EUA ROHM-DTC123EUA Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistors
20160325 - Rev.001
DTC123EUAFRA ROHM-DTC123EUAFRA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC123EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com