Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC115EE Datasheet(PDF) 2 Page - Rohm

Part # DTC115EE
Description  100mA / 50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115EE Datasheet(HTML) 2 Page - Rohm

  DTC115EE Datasheet HTML 1Page - Rohm DTC115EE Datasheet HTML 2Page - Rohm DTC115EE Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.05 - Rev.B
Data Sheet
DTC115EM / DTC115EE / DTC115EUA / DTC115EKA
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCC
VIN
IO
IC(Max.)
PD
Tj
Tstg
Limits
50
−10 to +40
20
100
150
200
DTC115EM / DTC115EE
DTC115EUA / DTC115EKA
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power
dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
82
70
0.1
250
100
0.5
0.3
0.15
0.5
130
V
V
mA
µA
MHz
k
VCC
=5V, IO=100µA
VI(on)
3
−−
VO
=0.3V, IO=1mA
IO
=5mA, II=0.25mA
VI
=5V
VCC
=50V, VI=0V
IO
=5mA, VO=5V
VCE
=10V, IE=−5mA, f=100MHz
R2/R1
0.8
1
1.2
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
∗ Characteristics of built-in transistor
Resistance ratio
Electrical characteristics curves
0.1
1
10
0.01
0.1
1
10
100
OUTPUT CURRENT : IO (mA)
V0= 0.3V
Ta=-40℃
    25℃
    85℃
   125℃
0.01
0.1
1
10
01
23
INPUT VOLTAGE : VI(off) (V)
VCC= 5V
1
10
100
1000
0.01
0.1
1
10
100
OUTPUT CURENT : IO (mA)
VO= 5V
Ta=125℃
    85℃
    25℃
   -40℃
0.01
0.1
1
0.1
1
10
100
OUOPUT CURRENT : IO (mA)
Ta=125℃
    85℃
    25℃
   -40℃
Ta=125℃
    85℃
    25℃
   -40℃
IC/II=20


Similar Part No. - DTC115EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115EE ROHM-DTC115EE Datasheet
68Kb / 4P
   Digital transistors (built-in resistors)
logo
AiT Semiconductor Inc.
DTC115EE AITSEMI-DTC115EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Rohm
DTC115EE ROHM-DTC115EE Datasheet
82Kb / 3P
   Digital transistors (built-in resistors)
logo
Weitron Technology
DTC115EE WEITRON-DTC115EE Datasheet
429Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC115EE WEITRON-DTC115EE Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
More results

Similar Description - DTC115EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com