Electronic Components Datasheet Search |
|
DTB114TK Datasheet(PDF) 1 Page - Rohm |
|
DTB114TK Datasheet(HTML) 1 Page - Rohm |
1 / 3 page DTB114TK Transistors Rev.B 1/2 -500mA / -40V Digital transistor (with built-in resistor) DTB114TK Applications Inverter, interface, driver Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors. 2) The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input, and parasitic effects are almost completely eliminated. 3) Only the on / off conditions need to be set for operation, making the device design easy. 4) Higher mounting densities can be achieved. Structure PNP epitaxial planar silicon transistor (Resistor built-in type) Packaging specifications Part No. DTB114TK SMT3 Taping T146 3000 Package Packaging type Code Basic ordering unit (pieces) External dimensions (Unit : mm) Each lead has same dimension Abbreviated symbol : F94 SMT3 (1)Emitter (2)Base (3)Collector (2) (1) 0.4 (3) 2.9 1.9 0.95 0.95 0.8 0.15 1.1 Circuit schematic C B R1=10k Ω E R1 E : Emitter C : Collector B : Base Absolute maximum ratings (Ta=25 °C) Parameter Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits −50 −40 −5 −500 200 150 −55 to +150 Unit V V V mA mW Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature C C |
Similar Part No. - DTB114TK_1 |
|
Similar Description - DTB114TK_1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |