Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0316A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0316A
Description  TCXO SMD 3.2x2.5 25.600MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0316A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0316A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0316A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0316A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0316A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0316A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TX0316A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TX0316A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - TX0316A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0311A TAI-SAW-TX0311A Datasheet
330Kb / 7P
   TCXO SMD 3.2x2.5 10.000000MHz
REV. NO.: 1
TX0315A TAI-SAW-TX0315A Datasheet
342Kb / 7P
   VCTCXO SMD 3.2x2.5 26.000MHz
TX0315B TAI-SAW-TX0315B Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TX0316A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0279A TAI-SAW-TX0279A Datasheet
213Kb / 6P
   SMD 3.2x2.5 16.367667MHz TCXO
TX0382A TAI-SAW-TX0382A Datasheet
338Kb / 7P
   TCXO SMD 3.2x2.5 13.000MHz
TX0322A TAI-SAW-TX0322A Datasheet
130Kb / 7P
   TCXO SMD 3.2x2.5 26MHz
REV. NO.: 2.0
TX0554A TAI-SAW-TX0554A Datasheet
238Kb / 7P
   TCXO SMD 3.2x2.5 26.000MHz
REV. NO.: 1
TX0397A TAI-SAW-TX0397A Datasheet
340Kb / 7P
   TCXO SMD 3.2x2.5 16.369000MHz
REV. NO.: 1
TX0187A TAI-SAW-TX0187A Datasheet
225Kb / 7P
   SMD 3.2x2.5 19.200MHz TCXO
TX0280A TAI-SAW-TX0280A Datasheet
213Kb / 6P
   SMD 3.2x2.5 16.369MHz TCXO
TX0605BA5332 TAI-SAW-TX0605BA5332 Datasheet
206Kb / 9P
   TCXO SMD 3.2x2.5 12MHz
REV. NO: 1
TX0545A TAI-SAW-TX0545A Datasheet
157Kb / 7P
   TCXO SMD 3.2x2.5 32.000MHz
REV. NO.: 1
TX0240A TAI-SAW-TX0240A Datasheet
265Kb / 6P
   SMD 3.2x2.5 16.367667MHz TCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com