Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0315A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0315A
Description  VCTCXO SMD 3.2x2.5 26.000MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0315A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0315A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0315A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0315A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0315A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0315A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TX0315A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TX0315A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Mechanical Dimensions (mm):
Marking:
Line 1: Customer Frequency (26.00)
Line 2: TST Logo + Crystal Product Code + Date Code
Product Code Table
2009
2010
2011
2012
2013
2014
2015
2016
2017
2018
2019
2020
product code
X
x
X
x
Year
Date Code Table
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
nopq
r
s
t
u
v
w
x
y
z


Similar Part No. - TX0315A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0315B TAI-SAW-TX0315B Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TX0315A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0161A TAI-SAW-TX0161A Datasheet
355Kb / 7P
   VCTCXO SMD 3.2x2.5 26.000MHz
TX0554A TAI-SAW-TX0554A Datasheet
238Kb / 7P
   TCXO SMD 3.2x2.5 26.000MHz
REV. NO.: 1
TX0130A TAI-SAW-TX0130A Datasheet
265Kb / 6P
   SMD 3.2x2.5 13.0MHz VCTCXO
TX0351A TAI-SAW-TX0351A Datasheet
346Kb / 7P
   VCTCXO SMD 3.2x2.5 13.57285156MHz
TX0370B TAI-SAW-TX0370B Datasheet
182Kb / 7P
   VCTCXO SMD 3.2x2.5 50.0MHz
REV. NO.: 1.0
TX0530AA13BH TAI-SAW-TX0530AA13BH Datasheet
189Kb / 9P
   VCTCXO SMD 3.2x2.5 24.576MHz
REV. NO.: 1.0
TX0225A TAI-SAW-TX0225A Datasheet
205Kb / 6P
   SMD 3.2x2.5 40.0MHz VCTCXO
TX0131A TAI-SAW-TX0131A Datasheet
219Kb / 6P
   SMD 3.2x2.5 19.2MHz VCTCXO
TX0441A TAI-SAW-TX0441A Datasheet
128Kb / 7P
   3.2x2.5 19.2MHz VCTCXO
REV. NO.: 3.0
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
   SMD 5x3.2 13MHz VCTCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com