Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD203S Datasheet(PDF) 1 Page - Won-Top Electronics

Part # DD203S
Description  20A 8.4mm/9.5mm DISH DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DD203S Datasheet(HTML) 1 Page - Won-Top Electronics

  DD203S Datasheet HTML 1Page - Won-Top Electronics DD203S Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DD200/S – DD206/S
1 of 2
© 2002 Won-Top Electronics
DD200/S – DD206/S
20A 8.4mm/9.5mm DISH DIODE
Features
!
Glass Passivated Die Construction
!
Low Leakage
!
Low Cost
C
!
High Surge Current Capability
!
Low Forward
!
C-Band Terminal Construction
D
Mechanical Data
B
!
Case: All Copper Case and Components
Hermetically Sealed
A
!
Terminals: Contact Areas Readily Solderable
!
Polarity: Cathode to Case(Reverse Units Are
Available Upon Request and Are Designated
By An “R” Suffix, i.e. DD202R or DD204SR)
!
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
!
Mounting Position: Any
“S” Suffix Designates 8.4mm Dish
No Suffix Designates 9.5mm Dish
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DD200/
S
DD201/
S
DD202/
S
DD203/
S
DD204/
S
DD205/
S
DD206/
S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TA = 150°C
IO
20
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 20A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
100
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance Junction to Case
(Note 2)
RJC
1.0
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
8.4mm Dish
9.5mm Dish
Dim
Min
Max
Min
Max
A
8.35
8.45
9.50
9.72
B
2.0
2.16
2.0
2.16
C
1.43
1.47
1.43
1.47
D
22.3
22.3
All Dimensions in mm


Similar Part No. - DD203S

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD20 REICU-DD20 Datasheet
441Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD20-110D05 REICU-DD20-110D05 Datasheet
441Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD20-110D12 REICU-DD20-110D12 Datasheet
441Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD20-110S05 REICU-DD20-110S05 Datasheet
441Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD20-110S12 REICU-DD20-110S12 Datasheet
441Kb / 1P
   DC/DC CONVERTER
REV:15.1
More results

Similar Description - DD203S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD500 WTE-DD500 Datasheet
23Kb / 2P
   50A 8.4mm/9.5mm DISH DIODE
DD300 WTE-DD300 Datasheet
23Kb / 2P
   30A 8.4mm/9.5mm DISH DIODE
logo
DIOTEC Electronics Corp...
TVS3527D DEC-TVS3527D Datasheet
176Kb / 1P
   35 AMP OVERVOLTAGE TRANSIENT DISH DIODE
logo
Shenzhen Ping Sheng Ele...
DR351 PFS-DR351 Datasheet
159Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Gilway Technical Lamp
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
   9.5mm Base Lampholders
logo
DB Lectro Inc
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
   FEMALE HEADER PROFILE : 8.4mm STRAIGHT
logo
Won-Top Electronics
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
DR351 MIC-DR351 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Laird Tech Smart Techno...
S24024P LSTD-S24024P Datasheet
702Kb / 1P
   Parabolic Dish Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com