Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0173A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0173A
Description  SMD 5x3.2 12MHz TCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0173A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0173A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0173A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0173A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0173A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0173A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Reel Dimensions (mm):
Tape Dimensions (mm):
[NOTE]:
1. Unless otherwise specified tolerance on dimension +/-0.1 mm.
2. Material: conductive polystyrene with color black
3. 10 pitch cumulative tolerance +/-0.2 mm.


Similar Part No. - TX0173A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0171A TAI-SAW-TX0171A Datasheet
208Kb / 5P
   7.0x5.0 VCXO 100 MHz
TX0172A TAI-SAW-TX0172A Datasheet
208Kb / 5P
   7.0x5.0 VCXO 125 MHz
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
   SMD 5x3.2 18.414MHz TCXO
More results

Similar Description - TX0173A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
   SMD 5x3.2 20.000MHz TCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
   SMD 5x3.2 16.367667MHz TCXO
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
   SMD 5x3.2 18.414MHz TCXO
TX0605BA5332 TAI-SAW-TX0605BA5332 Datasheet
206Kb / 9P
   TCXO SMD 3.2x2.5 12MHz
REV. NO: 1
logo
TEMEX
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
   SMD 5x3.2 XO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
   SMD 5x3.2 13MHz VCTCXO
logo
MMD Components
MUL MMD-MUL_12 Datasheet
154Kb / 2P
   MUL Series 5X3.2 Ceramic SMD Oscillator
MUV MMD-MUV_12 Datasheet
153Kb / 2P
   MUV Series 5X3.2 Ceramic SMD Oscillator
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
   SMD TCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com