Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0147A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0147A
Description  7.0x5.0 VCXO 54 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0147A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0147A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0147A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0147A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0147A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-03S06-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 2005 Aug. 11 (REV NO: 5.0)
Product Name: 7.0x5.0 VCXO 54 MHz
TST Parts No.: TX0147A
Customer Parts No.:
Checked by:
Robert Chang
Approval by:
TF Yang
Date:
2005/08/11
Company:
Division:
Approved by :
Date:


Similar Part No. - TX0147A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX014002 ETC-TX014002 Datasheet
19Kb / 1P
   MODIFIED ENCLOSURE UTILISERVE
logo
TAI-SAW TECHNOLOGY CO.,...
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
   7.0x5.0 VCXO 24.576 MHz
TX0146A TAI-SAW-TX0146A Datasheet
299Kb / 5P
   SMD 5.0x3.2 24.5535MHz TCXO
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
   7.0x5.0 VCXO 27 MHz
More results

Similar Description - TX0147A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0171A TAI-SAW-TX0171A Datasheet
208Kb / 5P
   7.0x5.0 VCXO 100 MHz
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
   7.0x5.0 36 MHz VCXO
TX0158A TAI-SAW-TX0158A Datasheet
197Kb / 5P
   7.0x5.0 VCXO 35.328 MHz
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
   7.0x5.0 VCXO 24.576 MHz
TX0582A TAI-SAW-TX0582A Datasheet
163Kb / 8P
   7.0x5.0 VCXO 61.44 MHz
REV. NO.:1.0
TX0460A TAI-SAW-TX0460A Datasheet
350Kb / 7P
   7.0x5.0 VCXO 32 MHz
REV. NO.:1
TX0444A TAI-SAW-TX0444A Datasheet
365Kb / 7P
   7.0x5.0 VCXO 122.88 MHz
REV. NO.:1.0
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
   7.0x5.0 VCXO 27 MHz
TX0172A TAI-SAW-TX0172A Datasheet
208Kb / 5P
   7.0x5.0 VCXO 125 MHz
TX0139A TAI-SAW-TX0139A Datasheet
189Kb / 4P
   7.0x5.0 PECL VCXO 155.52 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com