Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0146A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0146A
Description  SMD 5.0x3.2 24.5535MHz TCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0146A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0146A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TX0146A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 5.0x3.2 24.5535MHz TCXO
MODEL NO.: TX0146A
REV. NO.:7.0
Features:
Miniature SMD Package
Good Frequency Stability
Good Phase Noise Response
Description and Applications:
Surface mount 5.0mmx3.2mmm TCXO for use in GPS system
Electrical Specifications:
TX0146A
Specifications
Nominal Frequency, Fo
24.553500 MHz
Storage Temperature Range
-40
°C to +85°C
Operating Temperature Range
-40
°C to +85°C
Power Supply Voltage, Vdd
3 V
Output Waveform
Clipped Sinewave
Output Voltage with Load 10pF//10KΩ, Vout
0.8 Vp-p min
Power Supply Current, Icc
2.0 mA max
Frequency Tolerance after Two Reflows
+/- 2.0 ppm max @ 25
°C +/- 3°C
Frequency Stability
a. Vs. Temperature (-40~85
°C)
b. Vs. Load varied 10pF//10KΩ+/-10%
c. Vs. Supply Voltage varied 3V+/-5%
+/- 2.5 ppm
+/- 0.2 ppm
+/- 0.2 ppm
Start Up Time (90% of final RF level in Vp-p)
3.0 msec max.
Aging
+/-1.0 ppm/year @25
°C
Harmonics
-7.0 dBc max
SSB Phase Noise (@1KHz Carrier Offset)
-130 dBc/Hz max
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TX0146A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX014002 ETC-TX014002 Datasheet
19Kb / 1P
   MODIFIED ENCLOSURE UTILISERVE
logo
TAI-SAW TECHNOLOGY CO.,...
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
   7.0x5.0 VCXO 24.576 MHz
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
   7.0x5.0 VCXO 54 MHz
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
   7.0x5.0 VCXO 27 MHz
More results

Similar Description - TX0146A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0183A TAI-SAW-TZ0183A Datasheet
235Kb / 5P
   SMD 5.0x3.2 24.5535MHz Crystal Unit
REV. NO.: 3
TX0184A TAI-SAW-TX0184A Datasheet
296Kb / 6P
   SMD 5.0x3.2 14.7456MHz TCXO
TX0411A TAI-SAW-TX0411A Datasheet
338Kb / 7P
   SMD 5.0x3.2 19.68MHz TCXO
REV. NO.: 1.0
TZ0129A TAI-SAW-TZ0129A Datasheet
220Kb / 5P
   SMD 3.5x6 24.5535MHz Crystal Unit
REV. NO.: 2
TZ0743A TAI-SAW-TZ0743A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.5535MHz
REV. NO.: 3
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
   SMD TCXO
KTM AITSEMI-KTM Datasheet
246Kb / 1P
   SMD TCXO
logo
MMD Components
MTKH MMD-MTKH Datasheet
208Kb / 2P
   SMD TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
   SMD 5.0x3.2 19.2MHz VCTCXO
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
   SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com