Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX0139A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0139A
Description  7.0x5.0 PECL VCXO 155.52 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0139A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TX0139A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TX0139A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TX0139A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TX0139A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
#Note 1: Frequency stability includes 25℃ tolerance, operating temperature range, aging
and voltage or load change.
#Note 2: Not includes output load bias current.
Mechanical Dimensions (mm):
Marking:
Line 1: 155.52
Line 2: T XDA
Where X stand for product code and D for date code
1. Product Code Table:
Year
2001
2005
2002
2006
2003
2007
2004
2008
Product Code
X
x
X
x
2. Date Code Table:
Tape & Reel: Packing Quantity: 1k /Reel
155.52
T XDA
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
g
h
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
nopq
r
s
t
u
v
w
x
y
z


Similar Part No. - TX0139A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0130A TAI-SAW-TX0130A Datasheet
265Kb / 6P
   SMD 3.2x2.5 13.0MHz VCTCXO
TX0131A TAI-SAW-TX0131A Datasheet
219Kb / 6P
   SMD 3.2x2.5 19.2MHz VCTCXO
More results

Similar Description - TX0139A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
TX0171A TAI-SAW-TX0171A Datasheet
208Kb / 5P
   7.0x5.0 VCXO 100 MHz
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
   7.0x5.0 36 MHz VCXO
TX0158A TAI-SAW-TX0158A Datasheet
197Kb / 5P
   7.0x5.0 VCXO 35.328 MHz
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
   7.0x5.0 VCXO 24.576 MHz
TX0582A TAI-SAW-TX0582A Datasheet
163Kb / 8P
   7.0x5.0 VCXO 61.44 MHz
REV. NO.:1.0
TX0460A TAI-SAW-TX0460A Datasheet
350Kb / 7P
   7.0x5.0 VCXO 32 MHz
REV. NO.:1
TX0444A TAI-SAW-TX0444A Datasheet
365Kb / 7P
   7.0x5.0 VCXO 122.88 MHz
REV. NO.:1.0
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
   7.0x5.0 VCXO 54 MHz
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
   7.0x5.0 VCXO 27 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com