Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD302 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # DD302
Description  30A 8.4mm/9.5mm DISH DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DD302 Datasheet(HTML) 2 Page - Won-Top Electronics

  DD302 Datasheet HTML 1Page - Won-Top Electronics DD302 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DD300/S – DD306/S
2 of 2
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
DD300
Press Fit
200 Units/Tray
DD300S
Press Fit
200 Units/Tray
DD301
Press Fit
200 Units/Tray
DD301S
Press Fit
200 Units/Tray
DD302
Press Fit
200 Units/Tray
DD302S
Press Fit
200 Units/Tray
DD303
Press Fit
200 Units/Tray
DD303S
Press Fit
200 Units/Tray
DD304
Press Fit
200 Units/Tray
DD304S
Press Fit
200 Units/Tray
DD305
Press Fit
200 Units/Tray
DD305S
Press Fit
200 Units/Tray
DD306
Press Fit
200 Units/Tray
DD306S
Press Fit
200 Units/Tray
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - DD302

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD30 REICU-DD30 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D05 REICU-DD30-110D05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D12 REICU-DD30-110D12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S05 REICU-DD30-110S05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S12 REICU-DD30-110S12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
More results

Similar Description - DD302

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD500 WTE-DD500 Datasheet
23Kb / 2P
   50A 8.4mm/9.5mm DISH DIODE
DD200 WTE-DD200 Datasheet
23Kb / 2P
   20A 8.4mm/9.5mm DISH DIODE
logo
DIOTEC Electronics Corp...
TVS3527D DEC-TVS3527D Datasheet
176Kb / 1P
   35 AMP OVERVOLTAGE TRANSIENT DISH DIODE
logo
Shenzhen Ping Sheng Ele...
DR351 PFS-DR351 Datasheet
159Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Gilway Technical Lamp
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
   9.5mm Base Lampholders
logo
DB Lectro Inc
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
   FEMALE HEADER PROFILE : 8.4mm STRAIGHT
logo
Won-Top Electronics
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
DR351 MIC-DR351 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Laird Tech Smart Techno...
S24024P LSTD-S24024P Datasheet
702Kb / 1P
   Parabolic Dish Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com