Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE120 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1.5KE120
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1.5KE120 Datasheet(HTML) 2 Page - Rectron Semiconductor

  1.5KE120 Datasheet HTML 1Page - Rectron Semiconductor 1.5KE120 Datasheet HTML 2Page - Rectron Semiconductor 1.5KE120 Datasheet HTML 3Page - Rectron Semiconductor 1.5KE120 Datasheet HTML 4Page - Rectron Semiconductor 1.5KE120 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( 1.5KE6.8 THRU 1.5KE450CA )
FIG. 1 - PULSE POWER RATING CURVE
TP, PULSE WIDTH, sec
Non-Repetitive
Pulse Waveform
Shown in Fig.3
TA = 25
100
10
1.0
0.1
0.1uS
1.0uS
10uS
100uS
1.0mS
10mS
FIG. 2 - PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE,(
)
025
50
75
100
125
150
175
200
100
75
50
25
0
Unidirectional-----
Bidirectional
VR = RATED
STAND-OFF
VOLTAGE
f = 1MH
Vsig = 50mVp-p
TJ = 25
VR = 0
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
V(BR), BREAKDOWN VOLTACE, VOLTS
5
10
100
500
10000
1000
100
10
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60 Hz
200
40
20
10
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDED Method) TJ = TJ max.
SURGE CURRENT UNIDIRECTIONAL
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of IPPM
10/1000usec. Waveform
as Defined by R.E.A.
Peak Value
IPPM
tr = 10usec.
FIG. 3 - PULSE WAVEFORM
t, TIME,mS
0
0
1.0
2.0
3.0
4.0
50
100
150
HALF VALUE -
IPPM
2
FIG. 5 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE (
)
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175 200
60Hz
Resistive or Inductive Load
0.8X0.8X0.040"
(20X20X1mm)
Copper Heat Sinks
= 0.375"(9.5mm)
Lead Lengths
L


Similar Part No. - 1.5KE120

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5KE120 DIOTEC-1.5KE120 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE120 TRSYS-1.5KE120 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE120 DAESAN-1.5KE120 Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE120 WTE-1.5KE120 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE120 LUGUANG-1.5KE120 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE120

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com