Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0283A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0283A
Description  7.0x5.0 XO 100 MHz PECL Output Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0283A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0283A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0283A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0283A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0283A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0283A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
Mechanical Dimensions (mm):
#4
#5
#6
#3
#2
#1
#6
#5
#4
#1
#2
#3
Marking
Pin Connection
#1 OE
#2 No Connection
#3 GND
#4 Output 1 ( Q )
#5 Output 2 ( Qbar )
#6 VDD
Marking:
Line 1: 100.00 (Frequency)
Line 2: T WDA (TST logo + Product Code + Data Code + TST Internal Code)
Product Code Table
Year
2001
2005
2002
2006
2003
2007
2004
2008
Product Code
W
w
W
w
Date Code Table
100.00
T WDA
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
g
h
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
n
opq
r
s
t
u
v
w
x
y
z


Similar Part No. - TW0283A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
   7.0x5.0 XO 125 MHz PECL Output Oscillator
TW0286A TAI-SAW-TW0286A Datasheet
383Kb / 7P
   SMD 7.0x5.0 16MHz Crystal Oscillator
REV. NO.: 1.0
More results

Similar Description - TW0283A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
   7.0x5.0 XO 125 MHz PECL Output Oscillator
TW0153A TAI-SAW-TW0153A Datasheet
180Kb / 4P
   7.0x5.0 PECL Crystal Oscillator 53.125 MHz
TX0139A TAI-SAW-TX0139A Datasheet
189Kb / 4P
   7.0x5.0 PECL VCXO 155.52 MHz
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
TX0171A TAI-SAW-TX0171A Datasheet
208Kb / 5P
   7.0x5.0 VCXO 100 MHz
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
logo
Fox Electronics
RFX300 FOX-RFX300 Datasheet
81Kb / 1P
   3.3V LV-PECL XO
logo
Nel Frequency Controls,...
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com