Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05U4 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 05U4
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

05U4 Datasheet(HTML) 1 Page - Rectron Semiconductor

  05U4 Datasheet HTML 1Page - Rectron Semiconductor 05U4 Datasheet HTML 2Page - Rectron Semiconductor 05U4 Datasheet HTML 3Page - Rectron Semiconductor 05U4 Datasheet HTML 4Page - Rectron Semiconductor 05U4 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED
SUPER FAST SILICON RECTIFIER
VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
05U4
THRU
05U1
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.5
15
120
18
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J A
Typical Thermal Resistance (Note 1)
20
R q J L
IO
pF
Operating Temperature Range
TJ
05U1
50
150
-55 to + 150
0
C
05U2
05U3
100
150
35
70
105
50
100
150
05U4
05U1
05U2
05U3
05U4
200
200
140
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
m
A
Maximum Instantaneous Forward Voltage at 0.5A DC
Volts
5
350
@TA = 25
oC
@TA = 100
oC
m
A
UNITS
0.95
trr
Maximum Reverse Recovery Time (Note 4)
nSec
20
FEATURES
* Glass passivated device
* For surface mounted applications
* Ultrafast recovery times dor high efficiency
* Low forward voltage, low power loss
* Low leakage current
* Epoxy: Device has UL flammability classification 94V-O
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.016 gram
MECHANICAL DATA
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant","100% Sn plating (Pb-free)".
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
.150 (3.8)
.142 (3.6)
.035 (0.90)
.028 (0.70)
.053 (1.35)
.047 (1.20)
.077 (1.95)
.069 (1.75)
.030 (0.75)
.022 (0.55)
.008 (0.20)
.114 (2.9)
.106 (2.7)


Similar Part No. - 05U4

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
05U4L RECTRON-05U4L Datasheet
309Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere
More results

Similar Description - 05U4

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
05U1L RECTRON-05U1L Datasheet
309Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere
UFM201 RECTRON-UFM201 Datasheet
426Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Ampere
UFM101L RECTRON-UFM101L Datasheet
394Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
SU1L RECTRON-SU1L Datasheet
395Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
SU1 RECTRON-SU1 Datasheet
393Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
USF11 RECTRON-USF11 Datasheet
33Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
SF161 RECTRON-SF161 Datasheet
378Kb / 3P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 16 Ampere
1E1 RECTRON-1E1 Datasheet
88Kb / 3P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
EFM201 RECTRON-EFM201 Datasheet
26Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Ampere)
EFM301L RECTRON-EFM301L Datasheet
393Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com