Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0265A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0265A
Description  SMD 5032 Clock Oscillator 50 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0265A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0265A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0265A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0265A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0265A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0265A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD Clock Oscillator 50 MHz
MODEL NO.: TW0265A
REV. NO.: 1
A. FEATURES:
1. Ultra small package
2. Excellent for high-density packaging.
B. MAXIMUM RATING:
1. DC Voltage: 12 VDC.
2. Storage Temperature: -55 °C to +125 °C.
3. Operating Temperature:-10 °C to +70 °C.
C. ELECTRICAL CHARACTERISTICS:
Characteristics
Units
Minimum
Typical
Maximum
Center Frequency
MHz
50.0000
Frequency Stability (#note 1)
PPM
-25
-
25
Input Voltage (Operating VDD)
VDC
-
3.3+/-10%
-
Input Current
mA
-
-
12
Output
Load
pF
-
15
-
“0” Level
VDC
-
-
0.33
“1” Level
VDC
2.97
-
-
Symmetry (TW/T*100%)
Duty Cycle
%
40%
-
60%
Rise Time (10%->90% VDD) nSec
-
-
10
Fall Time (90%->10% VDD)
nSec
-
-
10
Enable/Disable Function
PIN 1: High or Open, PIN 3:Enable
PIN 1: Low, PIN 3:Disable
Package size
SMD5.0X3.2X1.2mm
#Note 1: Frequency stability includes 25C tolerance, operating temperature range, aging and
voltage or load change.
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TW0265A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0260A TAI-SAW-TW0260A Datasheet
232Kb / 5P
   SMD 7.0x5.0 43.75MHz Crystal Oscillator
TW0261A TAI-SAW-TW0261A Datasheet
348Kb / 8P
   SMD 3.2x2.5 50MHz Crystal Oscillator
TW0263A TAI-SAW-TW0263A Datasheet
225Kb / 6P
   SMD 3.2x2.5 29.491MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
   SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
More results

Similar Description - TW0265A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0138A TAI-SAW-TW0138A Datasheet
156Kb / 5P
   SMD Clock Oscillator 32 MHz
TW0161A TAI-SAW-TW0161A Datasheet
145Kb / 5P
   SMD Clock Oscillator 28.800 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
   SMD Clock Oscillator 12.800 MHz
TW0194A TAI-SAW-TW0194A Datasheet
167Kb / 4P
   SMD Clock Oscillator 26.0 MHz
TW0128A TAI-SAW-TW0128A Datasheet
208Kb / 5P
   SMD Clock Oscillator 4.096 MHz
TW0136A TAI-SAW-TW0136A Datasheet
209Kb / 5P
   SMD Clock Oscillator 20.000 MHz
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
   SMD Clock Oscillator 48.000 MHz
TW0158A TAI-SAW-TW0158A Datasheet
191Kb / 5P
   SMD Clock Oscillator 40.0 MHz
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
   SMD Clock Oscillator 40.0 MHz
TW0198A TAI-SAW-TW0198A Datasheet
154Kb / 4P
   SMD Clock Oscillator 32.000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com