Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0258A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0258A
Description  SMD 3.2x2.5 24.576MHz Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0258A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0258A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0258A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 3.2x2.5 24.576MHz Crystal Oscillator
MODEL NO.: TW0258A
REV. NO: 2
Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Application:
3.0 V Supply Voltage Operation / Complementary CMOS Output
Option-able stand-by function for output (Tri-state output).
Electrical Characteristics:
TW0258A
Specifications
Nominal Frequency, Fo
24.576000 MHz
Storage Temperature Range
-40
°C to +85°C
Operating Temperature Range
-10
°C to +70°C
Power Supply Voltage, Vcc
3.0 V +/- 5%
Load
10KΩ // 15pF
“0” Level
“1” Level
0.3 V max
2.7 V min
Power Supply Current, Icc
10 mA max
Frequency Accuracy1
+/- 25 ppm
Duty Cycle
40% ~ 60%
Rise Time ( 10% -> 90% of final RF level in Vp-p )
Fall Time ( 90% -> 10% of final RF level in Vp-p )
10 nsec max.
10 nsec max.
Enable/Disable Function
PIN 1: High or Open, PIN 3:Enable
PIN 1: Low, PIN 3:Disable
#Note 1: Frequency accuracy includes 25C tolerance, operating temperature range -10 to 70 deg C, aging and
voltage or load change
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TW0258A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TW0255A TAI-SAW-TW0255A Datasheet
240Kb / 6P
   SMD 3.2x2.5 32MHz Crystal Oscillator
TW0256A TAI-SAW-TW0256A Datasheet
182Kb / 5P
   SMD 7.0x5.0 54MHz Crystal Oscillator
TW0257A TAI-SAW-TW0257A Datasheet
182Kb / 5P
   SMD 7.0x5.0 66MHz Crystal Oscillator
More results

Similar Description - TW0258A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0620A TAI-SAW-TZ0620A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ1448A TAI-SAW-TZ1448A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 2
TZ0815A TAI-SAW-TZ0815A Datasheet
303Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0907A TAI-SAW-TZ0907A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0740A TAI-SAW-TZ0740A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0745A TAI-SAW-TZ0745A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0714A TAI-SAW-TZ0714A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 4
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
   SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com