Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE33A Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # 1.5KE33A
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1.5KE33A Datasheet(HTML) 4 Page - Rectron Semiconductor

  1.5KE33A Datasheet HTML 1Page - Rectron Semiconductor 1.5KE33A Datasheet HTML 2Page - Rectron Semiconductor 1.5KE33A Datasheet HTML 3Page - Rectron Semiconductor 1.5KE33A Datasheet HTML 4Page - Rectron Semiconductor 1.5KE33A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RECTRON
TYPE
Breakdown Voltage
VBR
(Volts)
MIN.
MAX.
@IT
(mA)
Reverse
Stand off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
at VWM
ID(uA)
Maximum
Peak Pulse
Current
IPPM
(Amps)
Maximum
Clamping
Voltage
at IPPM
VC (Volts)
1.5KE6.8
1.5KE6.8A
1.5KE7.5
1.5KE7.5A
1.5KE8.2
1.5KE8.2A
1.5KE9.1
1.5KE9.1A
1.5KE10
1.5KE10A
1.5KE11
1.5KE11A
1.5KE12
1.5KE12A
1.5KE13
1.5KE13A
1.5KE15
1.5KE15A
1.5KE16
1.5KE16A
1.5KE18
1.5KE18A
1.5KE20
1.5KE20A
1.5KE22
1.5KE22A
1.5KE24
1.5KE24A
1.5KE27
1.5KE27A
1.5KE30
1.5KE30A
1.5KE33
1.5KE33A
1.5KE36
1.5KE36A
1.5KE39
1.5KE39A
1.5KE43
1.5KE43A
1.5KE47
1.5KE47A
1.5KE51
1.5KE51A
1.5KE56
1.5KE56A
53.2
6.12
7.48
10
10
10
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.50
1000
139
10.8
10.5
143
1000
5.80
7.14
6.45
6.75
8.25
6.05
500
128
11.7
7.13
7.88
6.40
500
133
11.3
7.38
9.02
6.63
200
120
12.5
7.79
8.61
7.02
200
124
12.1
8.19
10.0
7.37
50
109
13.8
8.65
9.55
7.78
50
112
13.4
9.00
11.0
8.10
10
100
15.0
9.50
10.5
8.55
10
103
14.5
9.90
12.1
8.92
5.0
92.6
16.2
10.5
11.6
9.40
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
96.2
15.6
10.8
13.2
9.72
86.7
17.3
11.4
12.6
10.2
89.8
16.7
11.7
14.3
10.5
78.9
19.0
12.4
13.7
11.1
82.4
18.2
13.5
16.5
12.1
68.2
22.0
14.3
15.8
12.8
70.8
21.2
14.4
17.6
12.9
63.8
23.5
15.2
16.8
13.6
66.7
22.5
16.2
19.8
14.5
56.6
26.5
17.1
18.9
15.3
59.5
25.2
18.0
22.0
16.2
51.5
29.1
19.0
21.0
17.1
54.2
27.7
19.8
24.2
17.8
47
31.9
20.9
23.1
18.8
49
30.6
21.6
26.4
19.4
43.2
34.7
22.8
25.2
20.5
45.2
33.2
24.3
29.7
21.8
38.4
39.1
25.7
28.4
23.1
40
37.5
27.0
33.0
24.3
34.5
43.5
28.5
31.5
25.6
36.2
41.4
29.7
36.3
26.8
31.4
47.7
31.4
34.7
28.2
32.8
45.7
32.4
39.6
29.1
28.8
52.0
34.2
37.8
30.8
30.1
49.9
35.1
42.9
31.6
26.6
56.4
37.1
41.0
33.3
27.8
38.7
47.3
34.8
24.2
40.9
45.2
36.8
25.3
42.3
51.7
38.1
22.1
44.7
49.4
40.2
23.1
45.9
56.1
41.3
20.4
48.5
53.6
43.6
21.4
50.4
61.6
45.4
47.8
18.6
58.8
19.5
53.9
61.9
59.3
67.8
64.8
73.5
70.1
80.5
77.0
TRANSIENT VOLTAGE SUPPRESSORS
1500W SERIES TVS DIODES / 1.5KE ( CASE 10 ) 1500W


Similar Part No. - 1.5KE33A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE33A TRSYS-1.5KE33A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE33A RUILON-1.5KE33A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
Galaxy Semi-Conductor H...
1.5KE33A BILIN-1.5KE33A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE33A TSC-1.5KE33A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE33A DIODES-1.5KE33A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE33A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com