Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0236A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0236A
Description  SMD 7.0x5.0 125MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0236A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0236A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0236A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0236A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0236A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0236A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
Mechanical Dimensions: (Unit: mm)
#1
#1
Marking
Pin Connection
#1 OE
#2
#3
#4
#4
#3
#2
#2 GND
#3 Output
#4 VDD
Test Circuit:
Marking:
Line 1 : Frequency
Line 2 : T WDA (TST logo + Product Code + Data Code + TST Internal Code)
Product Code Table
Year
2001
2005
2002
2006
2003
2007
2004
2008
Product Code
W
w
W
w
Date Code Table
125.00
T WDA
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
g
h
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
n
opq
r
s
t
u
v
w
x
y
z


Similar Part No. - TW0236A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0230A TAI-SAW-TW0230A Datasheet
207Kb / 5P
   SMD 7.0x5.0 16.384MHz Crystal Oscillator
TW0231A TAI-SAW-TW0231A Datasheet
207Kb / 5P
   SMD 7.0x5.0 16.6666MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
   SMD 7.0x5.0 25MHz Crystal Oscillator
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0235A TAI-SAW-TW0235A Datasheet
190Kb / 5P
   SMD 7.0x5.0 100MHz Crystal Oscillator
More results

Similar Description - TW0236A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
   SMD 7.0x5.0 33.333MHz Crystal Oscillator
TW0257A TAI-SAW-TW0257A Datasheet
182Kb / 5P
   SMD 7.0x5.0 66MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
   SMD 7.0x5.0 25MHz Crystal Oscillator
TW0112A TAI-SAW-TW0112A Datasheet
366Kb / 7P
   SMD 7.0x5.0 48MHz Crystal Oscillator
REV. NO.: 2.0
TW0235A TAI-SAW-TW0235A Datasheet
190Kb / 5P
   SMD 7.0x5.0 100MHz Crystal Oscillator
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TW0259A TAI-SAW-TW0259A Datasheet
232Kb / 5P
   SMD 7.0x5.0 31.25MHz Crystal Oscillator
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com