Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW0229A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0229A
Description  SMD 7.0x5.0 12.288MHz Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0229A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0229A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0229A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0229A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0229A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0229A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Packing:
Reel Dimension (Unit: mm)
Tape Dimension (Unit: mm)
[NOTE]:
1. Unless otherwise specified tolerance on dimension +/-0.1 mm.
2. Material: conductive polystyrene with color black
3. 10 pitch cumulative tolerance +/-0.2 mm.
4. Packing Direction: dot or the logo of marking should be close to the hole of tape.
PACKING DIRECTION:
PACKING QUANTITY: 1K Pcs / Reel


Similar Part No. - TW0229A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0225A TAI-SAW-TW0225A Datasheet
202Kb / 5P
   SMD 3.2x2.5 20MHz Crystal Oscillator
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
   SMD 3.2x2.5 48MHz Crystal Oscillator
More results

Similar Description - TW0229A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
   SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
TW0326A TAI-SAW-TW0326A Datasheet
400Kb / 8P
   SMD 5.0x3.2 12.288MHz Crystal Oscillator
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
   SMD 7.0x5.0 33.333MHz Crystal Oscillator
TW0236A TAI-SAW-TW0236A Datasheet
190Kb / 5P
   SMD 7.0x5.0 125MHz Crystal Oscillator
TW0257A TAI-SAW-TW0257A Datasheet
182Kb / 5P
   SMD 7.0x5.0 66MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
   SMD 7.0x5.0 25MHz Crystal Oscillator
TW0112A TAI-SAW-TW0112A Datasheet
366Kb / 7P
   SMD 7.0x5.0 48MHz Crystal Oscillator
REV. NO.: 2.0
TW0235A TAI-SAW-TW0235A Datasheet
190Kb / 5P
   SMD 7.0x5.0 100MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com