Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0466A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0466A
Description  SAW Resonator 435.2 MHz SMD 5.0X3.5 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0466A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0466A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 435.2 MHz
MODEL NO.: TC0466A
REV. NO.: 1.0
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
435.125
435.200
435.275
Insertion Loss IL
dB
-
1.25
2.0
Equivalent Elements
Motional capacitance C1
fF
-
2.05
-
Motional inductance L1
μ
H
-
65.47
-
Motional resistance R1
Ohm
-
12.10
-
Parallel capacitance Co
pF
-
3.59
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 5.0X3.5X1.4mm
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
# B
#E
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TC0466A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0464A TAI-SAW-TC0464A Datasheet
313Kb / 6P
   SAW Resonator 1010MHz
TC0465A TAI-SAW-TC0465A Datasheet
360Kb / 7P
   SAW Resonator 316.2 MHz SMD 5.0X3.5 mm
More results

Similar Description - TC0466A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0465A TAI-SAW-TC0465A Datasheet
360Kb / 7P
   SAW Resonator 316.2 MHz SMD 5.0X3.5 mm
TC0481A TAI-SAW-TC0481A Datasheet
460Kb / 6P
   SAW Resonator 418MHz SMD 5.0X3.5 mm
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0356A TAI-SAW-TC0356A Datasheet
278Kb / 6P
   SAW Resonator 671.194 MHz SMD 3X3 mm
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
   SAW Resonator 916.5 MHz SMD 3X3 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
   SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0238A TAI-SAW-TC0238A Datasheet
304Kb / 4P
   SAW Resonator 479.45 MHz SMD 3X3 mm
TC0241A TAI-SAW-TC0241A Datasheet
323Kb / 4P
   SAW Resonator 433.385 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com