Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC433E2B Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC433E2B
Description  SAW Resonator 433.920 MHz TO-39
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC433E2B Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC433E2B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC433E2B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC433E2B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.EQUVIRENT CIRCUIT:
One-Port Resonator:
F.FREQUENCY CHARACTERISTICS:
G. TEST CIRCUIT:
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer
C0
R1 C1
L1
#1
#2
Source Impedance
Load Impedance
50Ω
50Ω
Resonator 433.92MHz Frequency Characteristics (S21)
-30
-25
-20
-15
-10
-5
0
432.42
432.92
433.42
433.92
434.42
434.92
435.42
Frequency (Center Frequency 433.92MHz Span 3.000MHz)
dB


Similar Part No. - TC433E2B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
   SAW Resonator 433.920 MHz TO-39
More results

Similar Description - TC433E2B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
   SAW Resonator 433.920 MHz TO-39
logo
Golledge Electronics Lt...
MA05774 GOLLEDGE-MA05774 Datasheet
193Kb / 4P
   SAW Resonator 433.920 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0435A TAI-SAW-TC0435A Datasheet
296Kb / 4P
   SAW Resonator 433.920 MHz
logo
Golledge Electronics Lt...
MA05557 GOLLEDGE-MA05557 Datasheet
79Kb / 4P
   433.920 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
   SAW Resonator 315 MHz TO-39
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
   SAW Resonator 316 MHz TO-39
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
   SAW Resonator 315.15 MHz TO-39
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
   SAW Resonator 433.92 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
   SAW Resonator 433.92 MHz TO-39
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
   SAW Resonator 433.920 MHz SMD 5X5 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com