Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0308A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0308A
Description  SAW Resonator 644.769 MHz SMD 3.8X3.8 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0308A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0308A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0308A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0308A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0308A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0308A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
I. PACKING:
1.REEL DIMENSION
2. TAPE DIMENSION


Similar Part No. - TC0308A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0304A TAI-SAW-TC0304A Datasheet
292Kb / 5P
   SAW Resonator 622.017 MHz SMD 3.8X3.8 mm
TC0305A TAI-SAW-TC0305A Datasheet
360Kb / 5P
   SAW Resonator 744.8 MHz SMD 3.8X3.8 mm
TC0306A TAI-SAW-TC0306A Datasheet
366Kb / 5P
   SAW Resonator 1000 MHz SMD 3.8X3.8 mm
TC0307A TAI-SAW-TC0307A Datasheet
284Kb / 5P
   SAW Resonator 622.018MHz SMD 3.8X3.8 mm
More results

Similar Description - TC0308A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0335A TAI-SAW-TC0335A Datasheet
268Kb / 6P
   SAW Resonator 644.769 MHz SMD 3X3 mm
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
   SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0248A TAI-SAW-TC0248A Datasheet
285Kb / 5P
   SAW Resonator 433.000 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
   SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0429A TAI-SAW-TC0429A Datasheet
278Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.8X3.8 mm
TC0185A TAI-SAW-TC0185A Datasheet
289Kb / 4P
   SAW Resonator 745.795 MHz SMD 3.8X3.8 mm
TC0187A TAI-SAW-TC0187A Datasheet
285Kb / 5P
   SAW Resonator 772.420 MHz SMD 3.8X3.8 mm
TC0327BA3510 TAI-SAW-TC0327BA3510 Datasheet
831Kb / 6P
   SAW Resonator 840 MHz SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com