Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ64 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # 3.0SMCJ64
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3.0SMCJ64 Datasheet(HTML) 4 Page - Won-Top Electronics

  3.0SMCJ64 Datasheet HTML 1Page - Won-Top Electronics 3.0SMCJ64 Datasheet HTML 2Page - Won-Top Electronics 3.0SMCJ64 Datasheet HTML 3Page - Won-Top Electronics 3.0SMCJ64 Datasheet HTML 4Page - Won-Top Electronics 3.0SMCJ64 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.0SMCJ SERIES
4 of 5
© 2002 Won-Top Electronics
BI-DIRECTIONAL 3000 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
3.0SMCJ5.0C
3.0SMCJ5.0CA
3.0SMCJ6.0C
3.0SMCJ6.0CA
IDD
IDE
IDF
IDG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
312.5
326.0
263.2
291.3
2000
2000
2000
2000
3.0SMCJ6.5C
3.0SMCJ6.5CA
3.0SMCJ7.0C
3.0SMCJ7.0CA
IDH
IDK
IDL
IDM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
243.9
267.9
225.6
250.0
1000
1000
400
400
3.0SMCJ7.5C
3.0SMCJ7.5CA
3.0SMCJ8.0C
3.0SMCJ8.0CA
IDN
IDP
IDQ
IDR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
209.8
232.6
220.0
220.6
200
200
100
100
3.0SMCJ8.5C
3.0SMCJ8.5CA
3.0SMCJ9.0C
3.0SMCJ9.0CA
IDS
IDT
IDU
IDV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
188.8
208.4
177.4
194.8
50
50
20
20
3.0SMCJ10C
3.0SMCJ10CA
3.0SMCJ11C
3.0SMCJ11CA
IDW
IDX
IDY
IDZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
159.6
176.4
149.2
184.8
5
5
5
5
3.0SMCJ12C
3.0SMCJ12CA
3.0SMCJ13C
3.0SMCJ13CA
IED
IEE
IEF
IEG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
136.4
150.6
126.0
139.4
5
5
5
5
3.0SMCJ14C
3.0SMCJ14CA
3.0SMCJ15C
3.0SMCJ15CA
IEH
IEK
IEL
IEM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
116.2
129.4
111.6
123.0
5
5
5
5
3.0SMCJ16C
3.0SMCJ16CA
3.0SMCJ17C
3.0SMCJ17CA
IEN
IEP
IEQ
IER
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
104.2
115.4
98.4
106.6
5
5
5
5
3.0SMCJ18C
3.0SMCJ18CA
3.0SMCJ20C
3.0SMCJ20CA
IES
IET
IEU
IEV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
93.2
102.8
83.8
92.6
5
5
5
5
3.0SMCJ22C
3.0SMCJ22CA
3.0SMCJ24C
3.0SMCJ24CA
IEW
IEX
IEY
IEZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
76.2
84.4
69.8
77.2
5
5
5
5
3.0SMCJ26C
3.0SMCJ26CA
3.0SMCJ28C
3.0SMCJ28CA
IFD
IFE
IFF
IFG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
64.4
71.2
60.0
66.0
5
5
5
5
3.0SMCJ30C
3.0SMCJ30CA
3.0SMCJ33C
3.0SMCJ33CA
IFH
IFK
IFL
IFM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
56.0
62.0
50.4
56.2
5
5
5
5
3.0SMCJ36C
3.0SMCJ36CA
3.0SMCJ40C
3.0SMCJ40CA
IFN
IFP
IFQ
IFR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
46.6
51.6
42.0
46.4
5
5
5
5
3.0SMCJ43C
3.0SMCJ43CA
3.0SMCJ45C
3.0SMCJ45CA
IFS
IFT
IFU
IFV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.6
69.4
80.3
72.7
39.2
43.2
37.4
41.2
5
5
5
5
3.0SMCJ48C
3.0SMCJ48CA
3.0SMCJ51C
3.0SMCJ51CA
IFW
IFX
IFY
IFZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
35.0
38.8
37.0
36.4
5
5
5
5
3.0SMCJ54C
3.0SMCJ54CA
3.0SMCJ58C
3.0SMCJ58CA
IGD
IGE
IGF
IGG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
31.2
34.4
29.2
32.0
5
5
5
5
3.0SMCJ60C
3.0SMCJ60CA
3.0SMCJ64C
3.0SMCJ64CA
IGH
IGK
IGL
IGM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
28.0
31.0
26.4
29.2
5
5
5
5
3.0SMCJ70C
3.0SMCJ70CA
3.0SMCJ75C
3.0SMCJ75CA
IGN
IGP
IGQ
IGR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
24.0
26.6
22.4
24.8
5
5
5
5
3.0SMCJ78C
3.0SMCJ78CA
3.0SMCJ85C
3.0SMCJ85CA
IGS
IGT
IGU
IGV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
21.6
22.8
19.8
20.8
5
5
5
5
3.0SMCJ90C
3.0SMCJ90CA
3.0SMCJ100C
3.0SMCJ100CA
IGW
IGX
IGY
IGZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
18.8
20.6
16.6
18.6
5
5
5
5
3.0SMCJ110C
3.0SMCJ110CA
3.0SMCJ120C
3.0SMCJ120CA
IHD
IHE
IHF
IHG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
15.4
16.8
14.0
15.6
5
5
5
5
3.0SMCJ130C
3.0SMCJ130CA
3.0SMCJ150C
3.0SMCJ150CA
IHH
IHK
IHL
IHM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
269.0
243.0
13.0
14.4
11.2
12.4
5
5
5
5
3.0SMCJ160C
3.0SMCJ160CA
3.0SMCJ170C
3.0SMCJ170CA
IHN
IHP
IHQ
IHR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
10.4
11.6
9.8
11.0
5
5
5
5


Similar Part No. - 3.0SMCJ64

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ64 WTE-3.0SMCJ64 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3.0SMCJ64 RECTRON-3.0SMCJ64 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Taiwan Semiconductor Co...
3.0SMCJ64 TSC-3.0SMCJ64 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ64 TSC-3.0SMCJ64 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ64 PANJIT-3.0SMCJ64 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ64

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
   3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
   3000W Surface Mount Transient Voltage Suppressors
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
   3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
   3000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
   5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
   10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
   3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com