Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7411HFV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD7411HFV-E2
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7411HFV-E2 Datasheet(HTML) 2 Page - Rohm

  BD7411HFV-E2 Datasheet HTML 1Page - Rohm BD7411HFV-E2 Datasheet HTML 2Page - Rohm BD7411HFV-E2 Datasheet HTML 3Page - Rohm BD7411HFV-E2 Datasheet HTML 4Page - Rohm BD7411HFV-E2 Datasheet HTML 5Page - Rohm BD7411HFV-E2 Datasheet HTML 6Page - Rohm BD7411HFV-E2 Datasheet HTML 7Page - Rohm BD7411HFV-E2 Datasheet HTML 8Page - Rohm BD7411HFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,
BU52015GUL,BU52025G,BU52051NVX, BD7411G
2/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings
BU52001GUL (Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
Power Supply Voltage
VDD
-0.1~+4.5
1
V
Output Current
IOUT
±
1
mA
Power Dissipation
Pd
420
2
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-40~+125
1. Not to exceed Pd
2. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃
(mounted on 50mm×58mm Glass-epoxy PCB)
BU52015GUL (Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
Power Supply Voltage
VDD
-0.1~+4.5
3
V
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
420
4
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-40~+125
3. Not to exceed Pd
4. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃
(mounted on 50mm×58mm Glass-epoxy PCB)
BU52051NVX (Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
Power Supply Voltage
VDD
-0.1~+4.5
5
V
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
2049
6
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-40~+125
5. Not to exceed Pd
6. Reduced by 20.49mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB)
BU52011HFV (Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
Power Supply Voltage
VDD
-0.1~+4.5
7
V
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
536
8
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-40~+125
7. Not to exceed Pd
8. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB)


Similar Part No. - BD7411HFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7411G ROHM-BD7411G Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BD7411G ROHM-BD7411G Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BD7411G ROHM-BD7411G Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BD7411G ROHM-BD7411G Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BD7411G ROHM-BD7411G Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
More results

Similar Description - BD7411HFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com