Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE0107A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TE0107A
Description  SAW Filter 479.5MHz SMD5X5mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TE0107A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TE0107A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TE0107A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TE0107A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TE0107A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TE0107A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TE0107A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
F. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
1
6
2,4,5,7,8
3
G.OUTLINE DRAWING:


Similar Part No. - TE0107A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TE0107A GOLLEDGE-TE0107A Datasheet
237Kb / 5P
   SAW Filter 479.50MHz
More results

Similar Description - TE0107A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0309A TAI-SAW-TA0309A Datasheet
481Kb / 5P
   SAW Filter 403.55MHz SMD5X5mm
TA0264A TAI-SAW-TA0264A Datasheet
481Kb / 5P
   SAW Filter 433.92MHz SMD5X5mm
TA0280A TAI-SAW-TA0280A Datasheet
296Kb / 5P
   SAW Filter 868.30MHz SMD5X5mm
TA0376A TAI-SAW-TA0376A Datasheet
471Kb / 5P
   SAW Filter 390MHz SMD5X5mm
TB480G3 TAI-SAW-TB480G3 Datasheet
205Kb / 4P
   SAW Filter 479.5MHz TO-39
TA0308A TAI-SAW-TA0308A Datasheet
479Kb / 5P
   SAW Filter 315.15MHz SMD5X5mm
TA0274A TAI-SAW-TA0274A Datasheet
347Kb / 5P
   SAW Filter 868.95MHz SMD5X5mm
TA0275A TAI-SAW-TA0275A Datasheet
347Kb / 5P
   SAW Filter 869.6MHz SMD5X5mm
TA0317A TAI-SAW-TA0317A Datasheet
320Kb / 5P
   SAW Filter 869.85MHz SMD5X5mm
TA0209A TAI-SAW-TA0209A Datasheet
476Kb / 5P
   SAW Filter 315MHz SMD5X5mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com