Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD0114A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TD0114A
Description  Two-Port SAW Resonator 434.42MHz SMD5X5mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TD0114A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TD0114A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TD0114A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TD0114A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TD0114A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 434.42 MHz
MODEL NO.: TD0114A
REV. NO.:2
A. FEATURES:
1. 2-Port Resonator.
2. nominal 1800 -phase at resonance.
B. MAXIMUM RATING:
1.Power Dissipation: 0 dBm.
2.DC voltage: 12 V.
3.Storage Temperature: -40 °C to 85 °C.
4.Operating Temperature:-40 °C to 85 °C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
434.345
434.420
434.495
Insertion Loss IL
dB
-
7.0
9.0
Equivalent Elements
Motional capacitance C1
fF
-
0.26
-
Motional inductance L1
μ
H
-
510
-
Motional resistance R1
Ohm
-
125
182
Parallel capacitance Co
pF
2.3
2.6
2.9
Temp.coeff.
ppm/c*2
-
0.032
-
Package size
SMD5X5X1.4
D.OUTLINE DRAWING:
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TD0114A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TD0114A GOLLEDGE-TD0114A Datasheet
80Kb / 4P
   433.420MHz SAW Resonator
More results

Similar Description - TD0114A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TD0103A TAI-SAW-TD0103A Datasheet
318Kb / 4P
   Two-Port SAW Resonator 433.92MHz SMD5X5mm
TC434E2-A TAI-SAW-TC434E2-A Datasheet
757Kb / 4P
   SAW Resonator 434.42MHz
logo
ECS, Inc.
ECS-DR2 ECS-ECS-DR2 Datasheet
185Kb / 1P
   TWO-PORT 180째 SAW RESONATOR
logo
Vanlong Technology Co.,...
SQ403 VANLONG-SQ403 Datasheet
121Kb / 2P
   403.55 MHz Two-Port SAW Resonator
SQ865 VANLONG-SQ865 Datasheet
115Kb / 2P
   865.00 MHz Two-Port SAW Resonator
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
   418.00 MHz Two-Port SAW Resonator
SQ868M30 VANLONG-SQ868M30 Datasheet
125Kb / 2P
   868.30 MHz Two-Port SAW Resonator
SQ433M42 VANLONG-SQ433M42 Datasheet
116Kb / 2P
   433.42 MHz Two-Port SAW Resonator
SQ5902 VANLONG-SQ5902 Datasheet
131Kb / 2P
   868.35 MHz Two Port SAW Resonator
SQ315 VANLONG-SQ315 Datasheet
173Kb / 2P
   315.00 MHz Two-Port SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com