Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4909 Datasheet(PDF) 6 Page - Rohm

Part # BU4909
Description  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4909 Datasheet(HTML) 6 Page - Rohm

  BU4909 Datasheet HTML 1Page - Rohm BU4909 Datasheet HTML 2Page - Rohm BU4909 Datasheet HTML 3Page - Rohm BU4909 Datasheet HTML 4Page - Rohm BU4909 Datasheet HTML 5Page - Rohm BU4909 Datasheet HTML 6Page - Rohm BU4909 Datasheet HTML 7Page - Rohm BU4909 Datasheet HTML 8Page - Rohm BU4909 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technical Note
6/8
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Circuit Applications
1) Examples of a common power supply detection reset circuit
Application examples of BU48
□□G/F/FVE series
(Open Drain output type) and BU49
□□G/F/FVE series
(CMOS output type) are shown below.
CASE1:The power supply of the microcontroller (VDD2) differs
from the power supply of the reset detection (VDD1).
Use the Open Drain Output Type (BU48
□□G/FVE)
attached a load resistance (RL) between the output and
VDD2. (As shown Fig.15)
CASE2:The power supply of the microcontroller (VDD1) is same
as the power supply of the reset detection (VDD1).
Use CMOS output type (BU43
□□G/FVE) or Open Drain
Output Type (BU48
□□G/FVE) attached a load
resistance (RL) between the output and VDD1.
(As shown Fig.16)
When a capacitance CL for noise filtering or setting the
output delay time is connected to the Vout pin (the reset
signal input terminal of the microcontroller), please take
into account the waveform of the rise and fall of the
output voltage (Vout).
2) Examples of the power supply with resistor dividers
In applications where the power supply input terminal (VDD) of an IC with resistor dividers, it is possible that a
through-current will momentarily flow into the circuit when the output logic switches, resulting in malfunctions (such as
output oscillatory state).
(Through-current is a current that momentarily flows from the power supply (VDD) to ground (GND) when the output level
switches from “High” to “Low” or vice versa.)
Consider the use of BD48
□□ when the power supply input it with resistor dividers.
Fig.17
VOUT
R2
VDD
BU48□□
BU49□□
GND
R1
I1
V1
CIN
CL
VDD1
BU48□□□
VDD2
GND
Microcontroller
RST
CL
(Capac it or f or
noise filtering)
RL
CIN
CL
(Capacitor for
nois e filtering)
VDD1
BU49□□□
Microcontroller
RST
CIN
GND
Fig.15 Open collector Output type
Fig.16 CMOS Output type


Similar Part No. - BU4909

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4909 ROHM-BU4909 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4909 ROHM-BU4909 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4909 ROHM-BU4909 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4909 ROHM-BU4909 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4909 ROHM-BU4909 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4909

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com