Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT800GK12PT Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STT800GK12PT
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT800GK12PT Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STT800GK12PT Datasheet HTML 1Page - Sirectifier Semiconductors STT800GK12PT Datasheet HTML 2Page - Sirectifier Semiconductors STT800GK12PT Datasheet HTML 3Page - Sirectifier Semiconductors STT800GK12PT Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STT800GKXXPT
Thyristor-Thyristor Modules
0
2000
4000
6000
8000
10000
0
0.5
1
1.5
2
2.5
3
Fig 1 On-state characteristics
0
200
400
600
800
1000
1200
0
500
1000
1500
50
60
70
80
90
100 110
120 130
50
60
70
80
90
100 110
120 130
0
500
1000
1500
0
200
400
600
800
1000 1200
2000
2500
3000
0
500
1000
1500
0
200
400
600
800
1000 1200
2000
2500
3000
3500
Tj=25 C Tj=Tj
o
max
Forward Voltage- V V
F.
Case temperature- T
C
C .
O
Case temperature- T
C
C .
O
Fig 2 Mean on-state I
vs. Case temperature T
TAV
C
for sinusoidal current waveforms at different conduction angles,f=50H z
Fig 4 Mean on-state power dissipation P vs. Mean on-state current I
TAV
TAV
T(AV)
for sinusoidal current waveforms at different conduction angles,f=50Hz
Fig 5 Mean on-state power dissipation P
vs. Mean on-state current I
TAV
TAV
for rectangular current waveforms at different conduction angles and for DC,
z
Fig 3 Mean on-state I
vs. Case temperature T
TAV
C
for rectangular current waveforms at different conduction angles and for DC,
z
o.
o.
-angle of conduction
sinusoidal current waveforms
=180o
o.=120o
o.=90o
o.=60o
o.=30o
o.=180o
o.=120o
o.=90o
o.=60o
o.=30o
DC
o.-angle of conduction
Rectangular current waveforms
f=50H
o.-angle of conduction
sinusoidal current waveforms
o.=30o
o.=60o
o.=90o
o.=120o
o.=180o
Mean on-state current-I
A
.
T(AV)
Mean on-state current-I
A
.
f=50H
o.=30o
o.=60o
o.=90o
o.=120o
o.=180o
DC
o.-angle of conduction
Rectangular current waveforms
P3 ©2009 Sirectifier Electronics Technology Corp.
www.sirectifier.com


Similar Part No. - STT800GK12PT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
STT800N16P55 INFINEON-STT800N16P55 Datasheet
601Kb / 9P
   Pressure contact technology for high reliability
2017-10-09 Revision: 3.1
STT800N18P55 INFINEON-STT800N18P55 Datasheet
905Kb / 9P
   Soft starter Module
2020-04-01 Revision: 3.1
More results

Similar Description - STT800GK12PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com