Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT800GK12PT Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STT800GK12PT
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT800GK12PT Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STT800GK12PT Datasheet HTML 1Page - Sirectifier Semiconductors STT800GK12PT Datasheet HTML 2Page - Sirectifier Semiconductors STT800GK12PT Datasheet HTML 3Page - Sirectifier Semiconductors STT800GK12PT Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STT800GKXXPT
Thyristor-Thyristor Modules
Symbol
Test Conditions
Characteristic Values
Unit
V
VT
IT=1200A; TVJ=25oC
1.55
VTO
For power-loss calculations only (TVJ=TVJM)
0.9
V
rT
0.21
m
VD=12V;
TVJ=25oC
TVJ=-40oC
VGT
2.5
3.5
V
VD=12V;
TVJ=25oC
TVJ=-40oC
IGT
300
400
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.5
V
IGD
10
mA
IH
TVJ=25oC; VD=6V; RGK=
500
mA
TVJ=25oC; tp=30us; VD=12V
IG=1A; diG/dt=1A/us
1000
mA
IL
dS
Creeping distance on surface
12.7
mm
dA
Creepage distance in air
9.6
mm
a
Maximum allowable acceleration
59.81
m/s2
IRRM
TVJ=TVJM; VR=VRRM
70
mA
TVJ=25oC; VD=1/2VDRM
IG=1A; diG/dt=1A/us
tgd
10
us
TVJ=TVJM; IT=500A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=50V/us; VD=2/3VDRM
tq
200
us
K/W
RthJC
DC current
0.0405
RthJK
0.01
K/W
ADVANTAGES
* Simple mounting
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* Motor control, softstarter
* Power converter
* Heat and temperature control for
industrial furnaces and chemical
processes
* Lighting control
* Solid state switches
TVJ=TVJM;
VD=2/3VDRM
DC current
FEATURES
* International standard package
*
* Isolation voltage 3600 V~
* UL file NO.310749
* RoHs complian
* Copper base plate
P2 ©2009 Sirectifier Electronics Technology Corp.
www.sirectifier.com


Similar Part No. - STT800GK12PT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
STT800N16P55 INFINEON-STT800N16P55 Datasheet
601Kb / 9P
   Pressure contact technology for high reliability
2017-10-09 Revision: 3.1
STT800N18P55 INFINEON-STT800N18P55 Datasheet
905Kb / 9P
   Soft starter Module
2020-04-01 Revision: 3.1
More results

Similar Description - STT800GK12PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com