Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD52051NVX-TR Datasheet(PDF) 7 Page - Rohm

Part # BD52051NVX-TR
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52051NVX-TR Datasheet(HTML) 7 Page - Rohm

Back Button BD52051NVX-TR Datasheet HTML 3Page - Rohm BD52051NVX-TR Datasheet HTML 4Page - Rohm BD52051NVX-TR Datasheet HTML 5Page - Rohm BD52051NVX-TR Datasheet HTML 6Page - Rohm BD52051NVX-TR Datasheet HTML 7Page - Rohm BD52051NVX-TR Datasheet HTML 8Page - Rohm BD52051NVX-TR Datasheet HTML 9Page - Rohm BD52051NVX-TR Datasheet HTML 10Page - Rohm BD52051NVX-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,
BU52015GUL,BU52025G,BU52051NVX, BD7411G
7/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Technical (Reference) Data
BU52001GUL (VDD=2.4V~3.3V type)
BU52015GUL, BU52051NVX, BU52011HFV (VDD=1.65V~3.3V type)
Fig.6
Bop,Brp–
Ambient temperature
Fig.10 IDD– Ambient
temperature
Fig.7 Bop,Brp- Supply voltage
Fig.11 IDD – Supply voltage
Fig.8 TP– Ambient
temperature
Fig.9 TP– Supply voltage
Fig.12
Bop,Brp–
Ambient temperature
Fig.15 TP– Supply voltage
Fig.14 TP – Ambient
temperature
Fig.16
IDD– Ambient
temperature
Fig.13 Bop,Brp– Supply voltage
Fig.17 IDD – Supply voltage
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
0
10
20
30
40
50
60
70
80
90
100
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta =
0
10
20
30
40
50
60
70
80
90
100
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
Bop S
Brp S
Brp N
Bop N
VDD=3.0V
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
2.02.4
2.83.23.6
SUPPLY VOLTAGE [V]
Ta = 25°C
Bop S
Brp S
Brp N
Bop N
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
-60 -40 -20
0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta = 25°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
Bop S
Brp N
Bop N
Brp S
VDD=1.8V
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
Bop S
Brp S
Brp N
Bop N
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V


Similar Part No. - BD52051NVX-TR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD520 MOTOROLA-BD520 Datasheet
91Kb / 2P
   PNP ILICON ANNULAR AMPLIFIER TRANSISTORS
logo
Rohm
BD52002GUL-E2 ROHM-BD52002GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002GUL-TR ROHM-BD52002GUL-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002HFV-E2 ROHM-BD52002HFV-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002HFV-TR ROHM-BD52002HFV-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
More results

Similar Description - BD52051NVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com