Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD52015NVX-TR Datasheet(PDF) 4 Page - Rohm

Part # BD52015NVX-TR
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52015NVX-TR Datasheet(HTML) 4 Page - Rohm

  BD52015NVX-TR Datasheet HTML 1Page - Rohm BD52015NVX-TR Datasheet HTML 2Page - Rohm BD52015NVX-TR Datasheet HTML 3Page - Rohm BD52015NVX-TR Datasheet HTML 4Page - Rohm BD52015NVX-TR Datasheet HTML 5Page - Rohm BD52015NVX-TR Datasheet HTML 6Page - Rohm BD52015NVX-TR Datasheet HTML 7Page - Rohm BD52015NVX-TR Datasheet HTML 8Page - Rohm BD52015NVX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,
BU52015GUL,BU52025G,BU52051NVX, BD7411G
4/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Magnetic, Electrical Characteristics
BU52001GUL (Unless otherwise specified, VDD=3.0V, Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN
TYP
MAX
Power Supply Voltage
VDD
2.4
3.0
3.3
V
Operate Point
BopS
-
3.7
5.5
mT
BopN
-5.5
-3.7
-
Release Point
BrpS
0.8
2.9
-
mT
BrpN
-
-2.9
-0.8
Hysteresis
BhysS
-
0.8
-
mT
BhysN
-
0.8
-
Period
Tp
-
50
100
ms
Output High Voltage
VOH
VDD
-0.4
-
-
V
BrpN<B<BrpS
15
IOUT =-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
B<BopN,BopS<B
15
IOUT =+1.0mA
Supply Current
IDD(AVG)
-
8
12
μA
Average
Supply Current During Startup Time
IDD (EN)
-
4.7
-
mA
During Startup Time Value
Supply CurrentDuring Standby Time
IDD (DIS)
-
3.8
-
μA
During Standby Time Value
15 B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.
BU52015GUL (Unless otherwise specified, VDD=1.80V, Ta=25℃
)
PARAMETERS
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN
TYP
MAX
Power Supply Voltage
VDD
1.65
1.80
3.30
V
Operate Point
BopS
-
3.0
5.0
mT
BopN
-5.0
-3.0
-
Release Point
BrpS
0.6
2.1
-
mT
BrpN
-
-2.1
-0.6
Hysteresis
BhysS
-
0.9
-
mT
BhysN
-
0.9
-
Period
Tp
-
50
100
ms
Output High Voltage
VOH
VDD
-0.2
-
-
V
OUT1: BrpN<B<BrpS
16
OUT2: B<BopN, BopS<B
IOUT = -0.5mA
Output Low Voltage
VOL
-
-
0.2
V
OUT1: B<BopN, BopS<B
16
OUT2: BrpN<B<BrpS
IOUT = +0.5mA
Supply Current 1
IDD1(AVG)
-
5
8
μA
VDD=1.8V, Average
Supply Current During Startup Time 1
IDD1(EN)
-
2.8
-
mA
VDD=1.8V,
During Startup Time Value
Supply CurrentDuring Standby Time 1
IDD1(DIS)
-
1.8
-
μA
VDD=1.8V,
During Standby Time Value
Supply Current 2
IDD2(AVG)
-
8
12
μA
VDD=2.7V, Average
Supply Current During Startup Time 2
IDD2(EN)
-
4.5
-
mA
VDD=2.7V,
During Startup Time Value
Supply CurrentDuring Standby Time 2
IDD2(DIS)
-
4.0
-
μA
VDD=2.7V,
During Standby Time Value
16 B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.


Similar Part No. - BD52015NVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52012GUL-E2 ROHM-BD52012GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52012GUL-TR ROHM-BD52012GUL-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52012HFV-E2 ROHM-BD52012HFV-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52012HFV-TR ROHM-BD52012HFV-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52013GUL-E2 ROHM-BD52013GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
More results

Similar Description - BD52015NVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com