Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD0112A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TD0112A
Description  SAW Resonator 414.25 MHz TO39
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TD0112A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TD0112A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TD0112A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TD0112A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.EQUVIRENT CIRCUIT:
Two-Port Resonator:
Pin1
Pin3
Pin2
Rm
Lm
Cm
Co
Co
F.FREQUENCY CHARACTERISTICS:
G. TEST CIRCUIT:
50 Ω
N e t w or k a naly z er
50 Ω
SA W R e s o n a t o r
2
6
1, 3 , 4, 5, 7 , 8
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer
S21 Response for TD0112A
-40
-35
-30
-25
-20
-15
-10
-5
0
409.25 410.25 411.25 412.25 413.25 414.25 415.25 416.25 417.25 418.25 419.25
Center Freq=414.25MHz/Span=10MHz


Similar Part No. - TD0112A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TD0110A TAI-SAW-TD0110A Datasheet
319Kb / 4P
   SAW Resonator 868.35 MHz SMD5X5
logo
Golledge Electronics Lt...
TD0110A GOLLEDGE-TD0110A Datasheet
146Kb / 4P
   SAW Filter 868.35MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
   SAW Resonator 403.55 MHz TO39
TD0114A TAI-SAW-TD0114A Datasheet
328Kb / 4P
   Two-Port SAW Resonator 434.42MHz SMD5X5mm
logo
Golledge Electronics Lt...
TD0114A GOLLEDGE-TD0114A Datasheet
80Kb / 4P
   433.420MHz SAW Resonator
More results

Similar Description - TD0112A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
   SAW Resonator 403.55 MHz TO39
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
   SAW Resonator 433.420 MHz TO39
TC0143A TAI-SAW-TC0143A Datasheet
240Kb / 3P
   SAW Resonator 303.825 MHz TO39
TC0145A TAI-SAW-TC0145A Datasheet
240Kb / 3P
   SAW Resonator 868.35 MHz TO39
TC0240A TAI-SAW-TC0240A Datasheet
213Kb / 3P
   SAW Resonator 435.7 MHz TO39
TC0157A TAI-SAW-TC0157A Datasheet
306Kb / 3P
   One-Port SAW Resonator 433.92MHz TO39
TC0164A TAI-SAW-TC0164A Datasheet
338Kb / 4P
   TO39 390MHz One-Port Saw Resonator
TB0222A TAI-SAW-TB0222A Datasheet
177Kb / 4P
   SAW Filter 480 MHz TO39
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com