Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4918 Datasheet(PDF) 5 Page - Rohm

Part # BU4918
Description  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4918 Datasheet(HTML) 5 Page - Rohm

  BU4918 Datasheet HTML 1Page - Rohm BU4918 Datasheet HTML 2Page - Rohm BU4918 Datasheet HTML 3Page - Rohm BU4918 Datasheet HTML 4Page - Rohm BU4918 Datasheet HTML 5Page - Rohm BU4918 Datasheet HTML 6Page - Rohm BU4918 Datasheet HTML 7Page - Rohm BU4918 Datasheet HTML 8Page - Rohm BU4918 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Technical Note
5/8
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Reference Data
Examples of Output rising value(TPLH)and Output falling value(TPHL)
Part Number
TPLH[µs]
TPHL[µs]
BU4845G/F/FVE
23.3
275.9
BU4945G/F/FVE
3.5
354.3
VDD=4.3V
5.1V
VDD=5.1V
4.3V
* This data is for reference only.
This figure will vary with the application, so please confirm actual operation conditions before use.
 Explanation of Operation
For both the open drain type(Fig.12)and the CMOS output type(Fig.13), the detection and release voltages are
used as threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the Vout
terminal voltage switches from either “High” to “Low” or from “Low” to “High”. Because the BU48
□□G/F/FVE series uses an
open drain output type, it is possible to connect a pull-up resistor to VDD or another power supply [The output “High” voltage
(VOUT) in this case becomes VDD or the voltage of the other power supply].
Fig.12 (BU48
□□ type internal block diagram)
Fig.13 (BU49
□□ type internal block diagram)
 Timing Waveforms
Example:The following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output
voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are those in
Fig.12 and 13).
1 When the power supply is turned on, the output is unsettled
from after over the operating limit voltage (VOPL) until TPHL.
Therefore it is possible that the reset signal is not outputted
when the rise time of VDD is faster than TPHL.
2 When VDD is greater than VOPL but less than the reset release
voltage (VDET + VDET), output (VOUT) voltages will switch to L.
3 If VDD exceeds the reset release voltage (VDET + VDET), then
VOUT switches from L to H (with a delay of TPLH).
4 If VDD drops below the detection voltage (VDET) when the
power supply is powered down or when there is a power supply
fluctuation, VOUT switches to L (with a delay of TPHL).
5 The potential deference between the detection voltage and
the release voltage is known as the hysteresis width (VDET). The
system is designed such that the output does not flip-flop with
power supply fluctuations within this hysteresis width, preventing
malfunctions due to noise.
Q1
Vref
R1
R2
R3
VOUT
VDD
GND
RL
VDD
RESET
Q2
Q1
Vref
R1
R2
R3
VOUT
VDD
GND
RESET
VDD
VDET+ΔVDET
VDET
VOPL
0V
TPHL
VOUT
TPLH
TPHL
TPLH
VOL
VOH
Fig.14


Similar Part No. - BU4918

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4918 ROHM-BU4918 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4918 ROHM-BU4918 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4918 ROHM-BU4918 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4918 ROHM-BU4918 Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4918 ROHM-BU4918 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4918

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com